Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G910 Datasheet(PDF) 10 Page - Global Mixed-mode Technology Inc

Part # G910
Description  3.3V 600mA/250mA Low Dropout Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G910 Datasheet(HTML) 10 Page - Global Mixed-mode Technology Inc

Back Button G910 Datasheet HTML 2Page - Global Mixed-mode Technology Inc G910 Datasheet HTML 3Page - Global Mixed-mode Technology Inc G910 Datasheet HTML 4Page - Global Mixed-mode Technology Inc G910 Datasheet HTML 5Page - Global Mixed-mode Technology Inc G910 Datasheet HTML 6Page - Global Mixed-mode Technology Inc G910 Datasheet HTML 7Page - Global Mixed-mode Technology Inc G910 Datasheet HTML 8Page - Global Mixed-mode Technology Inc G910 Datasheet HTML 9Page - Global Mixed-mode Technology Inc G910 Datasheet HTML 10Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Ver: 7.2
Jan 20, 2006
TEL: 886-3-5788833
http://www.gmt.com.tw
10
G910/G911
Global Mixed-mode Technology Inc.
TO-92 (TD) Package
MILLIMETER
INCH
SYMBOL
MIN
MAX
MIN
MAX
A
3.35
3.86
0.132
0.152
A1
1.0414
1.55
0.041
0.061
b
0.254
0.508
0.010
0.020
E
4.34
4.85
0.171
0.191
C
0.254
0.508
0.010
0.020
L
14.53
15.04
0.572
0.592
e
1.143
1.397
0.045
0.055
G
3.683
4.191
0.145
0.165
D
4.29
4.80
0.169
0.189
D1
4.34
4.85
0.171
0.191
Taping Specification
PACKAGE
Q’TY/BY REEL
Q’TY/BY BAG
SOT-89
1,000 ea
-----
SOT-223
2,500 ea
-----
TO-92
-----
2,000 ea
µTO-92
-----
2,000 ea
GMT Inc. does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and GMT Inc. reserves the right at any time without notice to change said circuitry and specifications.
C
L
E
b
e
D
D1
G
A1
A
C
L
E
b
e
D
D1
G
A1
A
Feed Direction
SOT-89、223 Package Orientation
Feed Direction
SOT-89、223 Package Orientation



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com