Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74ACT280EE4 Datasheet(PDF) 1 Page - Texas Instruments

Part # CD74ACT280EE4
Description  9-Bit Odd/Even Parity Generator/Checker
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74ACT280EE4 Datasheet(HTML) 1 Page - Texas Instruments

  CD74ACT280EE4 Datasheet HTML 1Page - Texas Instruments CD74ACT280EE4 Datasheet HTML 2Page - Texas Instruments CD74ACT280EE4 Datasheet HTML 3Page - Texas Instruments CD74ACT280EE4 Datasheet HTML 4Page - Texas Instruments CD74ACT280EE4 Datasheet HTML 5Page - Texas Instruments CD74ACT280EE4 Datasheet HTML 6Page - Texas Instruments CD74ACT280EE4 Datasheet HTML 7Page - Texas Instruments CD74ACT280EE4 Datasheet HTML 8Page - Texas Instruments CD74ACT280EE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
Data sheet acquired from Harris Semiconductor
SCHS250A
Features
• Buffered Inputs
• Typical Propagation Delay
- 10ns at VCC = 5V, TA = 25
oC, C
L = 50pF
• Exceeds 2kV ESD Protection per MIL-STD-883,
Method 3015
• SCR-Latchup-Resistant CMOS Process and Circuit
Design
• Speed of Bipolar FAST™/AS/S with Significantly
Reduced Power Consumption
• Balanced Propagation Delays
• AC Types Feature 1.5V to 5.5V Operation and
Balanced Noise Immunity at 30% of the Supply
•
±24mA Output Drive Current
- Fanout to 15 FAST™ ICs
- Drives 50
Ω Transmission Lines
Description
The ’AC280 and ’ACT280 are 9-bit odd/even parity genera-
tor/checkers that utilize Advanced CMOS Logic technology.
Both even and odd parity outputs are available for checking
or generating parity for words up to nine bits long. Even par-
ity is indicated (
∑E output is HIGH) when an even number of
data inputs is HIGH. Odd parity is indicated (
∑O output is
HIGH) when an odd number of data inputs is HIGH. Parity
checking for words larger than nine bits can be accom-
plished by tying the
∑E output to any input of an additional
’AC280, ’ACT280 parity checker.
Pinout
CD54AC280, CD54ACT280
(CERDIP)
CD74AC280, CD74ACT280
(PDIP, SOIC)
TOP VIEW
Functional Diagram
Ordering Information
PART
NUMBER
TEMP.
RANGE (oC)
PACKAGE
CD54AC280F3A
-55 to 125
14 Ld CERDIP
CD74AC280E
0 to 70oC, -40 to 85,
-55 to 125
14 Ld PDIP
CD74AC280M
0 to 70oC, -40 to 85,
-55 to 125
14 Ld SOIC
CD54ACT280F3A
-55 to 125
14 Ld CERDIP
CD74ACT280E
0 to 70oC, -40 to 85,
-55 to 125
14 Ld PDIP
CD74ACT280M
0 to 70oC, -40 to 85,
-55 to 125
14 Ld SOIC
NOTES:
1. When ordering, use the entire part number. Add the suffix 96 to
obtain the variant in the tape and reel.
2. Wafer and die for this part number is available which meets all elec-
trical specifications. Please contact your local TI sales office or cus-
tomer service for ordering information.
I6
I7
NC
I8
∑E
∑O
GND
VCC
I5
I4
I3
I2
I1
I0
1
2
3
4
5
6
7
14
13
12
11
10
9
8
8
9
10
11
13
2
1
12
5
6
∑ ODD
∑ EVEN
I0
I1
I2
I3
I5
I6
I7
I4
4
I8
GND = 7
VCC = 14
NC = 3
August 1998 - Revised May 2000
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
FAST™ is a Trademark of Fairchild Semiconductor.
Copyright
© 2000, Texas Instruments Incorporated
CD54/74AC280,
CD54/74ACT280
9-Bit Odd/Even Parity Generator/Checker


Similar Part No. - CD74ACT280EE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74ACT280EE4 TI-CD74ACT280EE4 Datasheet
260Kb / 2P
9-Bit Odd/Even Parity Generator/Checker
More results

Similar Description - CD74ACT280EE4

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F280B PHILIPS-74F280B Datasheet
106Kb / 8P
9-bit odd/even parity generator/checker
1996 Mar 12
74HC280 PHILIPS-74HC280 Datasheet
49Kb / 7P
9-bit odd/even parity generator/checker
December 1990
logo
Texas Instruments
CD74AC280 TI-CD74AC280 Datasheet
28Kb / 5P
9-Bit Odd/Even Parity Generator/Checker
logo
Hitachi Semiconductor
HD74HC280 HITACHI-HD74HC280 Datasheet
39Kb / 7P
9-bit Odd/Even Parity Generator/Checker
logo
National Semiconductor ...
MM74HC280 NSC-MM74HC280 Datasheet
120Kb / 4P
9-Bit Odd/Even Parity Generator/Checker
logo
Texas Instruments
CD54AC280 TI-CD54AC280 Datasheet
260Kb / 2P
9-Bit Odd/Even Parity Generator/Checker
logo
Renesas Technology Corp
HD74LS280 RENESAS-HD74LS280 Datasheet
174Kb / 6P
9-bit Odd / Even Parity Generator / Checker
HD74HC280 RENESAS-HD74HC280 Datasheet
75Kb / 6P
9-bit Odd/Even Parity Generator/Checker
logo
Toshiba Semiconductor
TC74HC280P TOSHIBA-TC74HC280P Datasheet
143Kb / 5P
9-BIT ODD/EVEN PARITY GENERATOR/CHECKER
logo
Nexperia B.V. All right...
74HCT280 NEXPERIA-74HCT280 Datasheet
245Kb / 13P
9-bit odd/even parity generator/checker
Rev. 4 - 16 August 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com