Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74ACT280M96 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # CD74ACT280M96
Description  9-Bit Odd/Even Parity Generator/Checker
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74ACT280M96 Datasheet(HTML) 4 Page - Texas Instruments

  CD74ACT280M96 Datasheet HTML 1Page - Texas Instruments CD74ACT280M96 Datasheet HTML 2Page - Texas Instruments CD74ACT280M96 Datasheet HTML 3Page - Texas Instruments CD74ACT280M96 Datasheet HTML 4Page - Texas Instruments CD74ACT280M96 Datasheet HTML 5Page - Texas Instruments CD74ACT280M96 Datasheet HTML 6Page - Texas Instruments CD74ACT280M96 Datasheet HTML 7Page - Texas Instruments CD74ACT280M96 Datasheet HTML 8Page - Texas Instruments CD74ACT280M96 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
Switching Specifications Input tr, tf = 3ns, CL = 50pF (Worst Case)
PARAMETER
SYMBOL
VCC (V)
-40oC TO 85oC
-55oC TO 125oC
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
AC TYPES
Propagation Delay,
Any Input to
∑O
tPLH, tPHL
1.5
-
-
239
-
-
263
ns
3.3
(Note 9)
7.5
-
26
7.3
-
29
ns
5
(Note 10)
5.4
-
19.1
5.3
-
21
ns
Propagation Delay,
Any Input to
∑E
tPLH, tPHL
1.5
-
-
227
-
-
250
ns
3.3
7.2
-
25
7
-
28
ns
5
5.2
-
18.2
5
-
20
ns
Input Capacitance
CI
-
-
-10-
-10
pF
Power Dissipation Capacitance
CPD
(Note 11)
-
-
115
-
-
115
-
pF
ACT TYPES
Propagation Delay,
Any Input to
∑O
tPLH, tPHL
5
(Note 10)
5.6
-
19.6
5.4
-
21.6
ns
Propagation Delay,
Any Input to
∑E
tPLH, tPHL
5
5.6
-
19.6
5.4
-
21.6
ns
Input Capacitance
CI
-
-
-10-
-10
pF
Power Dissipation Capacitance
CPD
(Note 11)
-
-
115
-
-
115
-
pF
NOTES:
8. Limits tested 100%
9. 3.3V Min is at 3.6V, Max is at 3V.
10. 5V Min is at 5.5V, Max is at 4.5V.
11. CPD is used to determine the dynamic power consumption per package.
AC: PD = VCC
2 f
i (CPD + CL)
ACT: PD = VCC
2 f
i (CPD + CL) + VCC ∆ICC where fi = input frequency, CL = output load capacitance, VCC = supply voltage.
FIGURE 1.
10%
VS
tr = 3ns
VS
tPHL
tPLH
VS
VS
VS
VS
tf = 3ns
10%
INPUT
LEVEL
In
0V
ΣO
ΣE
0V
0V
tPLH
tPHL
DUT
OUTPUT
RL (NOTE)
OUTPUT
LOAD
500
Ω
CL
50pF
NOTE: For AC Series Only: When VCC = 1.5V, RL = 1kΩ.
FIGURE 2. PROPAGATION DELAY TIMES
AC
ACT
Input Level
VCC
3V
Input Switching Voltage, VS
0.5 VCC
1.5V
Output Switching Voltage, VS
0.5 VCC
0.5 VCC
CD54/74AC280, CD54/74ACT280



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com