Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD629 Datasheet(PDF) 1 Page - Analog Devices

Part # AD629
Description  Dual-Channel Audio Difference Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD629 Datasheet(HTML) 1 Page - Analog Devices

  AD629 Datasheet HTML 1Page - Analog Devices AD629 Datasheet HTML 2Page - Analog Devices AD629 Datasheet HTML 3Page - Analog Devices AD629 Datasheet HTML 4Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Dual-Channel
Audio Difference Amplifier
Preliminary Technical Data
AD8273
Rev. PrA
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2007 Analog Devices, Inc. All rights reserved.
FEATURES
Two gain settings:
Gain of 1/2 (–6 dB)
Gain of 2 (6 dB)
0.03% max gain accuracy
10 ppm max gain drift
Excellent AC Specifications
25V/μs slew rate
0.9 μs to 0.01% settling time
Low Distortion
0.003% at 1 kHz
High Accuracy DC Performance
90 dB typ CMRR
250 uV max offset voltage
14 lead SOIC Package
Supply current: 2.5 mA per channel
Supply range: ±2.5 V to ±18 V
APPLICATIONS
High Performance Audio
Instrumentation Amplifier Building Block
Level Translator
Automatic Test Equipment
Sin/Cos Encoders
GENERAL DESCRIPTION
The AD8273 is a low distortion, dual-channel amplifier with
internal gain setting resistors. With no external components, it
can be configured as a high performance difference amplifier
(G=0.5 or 2), inverting amplifier (G=0.5 or 2) or non-inverting
amplifier (G=1.5 or 3).
The AD8273 operates on both single and dual supplies and only
requires 2.5 mA maximum supply current for both amplifiers. It
is specified over the industrial temperature range of −40°C to
+85°C and is fully RoHS compliant.
FUNCTIONAL BLOCK DIAGRAM
+
–IN1
+IN1
SENSE1
REF1
OUT1
+
–IN2
+IN2
SENSE2
REF2
OUT2
2
3
12
13
14
6
5
10
9
8
+VS
–VS
11
4
6kΩ
12kΩ
12kΩ
12kΩ
12kΩ
6kΩ
6kΩ
6kΩ
Figure 1. AD8273 Dual Difference Amplifier
Table 1. Difference Amplifiers by Category
Low
Distortion
High
Voltage
Single Supply
Uni-directional
Single Supply
Bi-directional
AD8270
AD8273
AMP03
AD628
AD629
AD8212
AD8202
AD8203
AD8205
AD8206
AD8210


Similar Part No. - AD629

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD629 AD-AD629 Datasheet
302Kb / 12P
High Common-Mode Voltage Difference Amplifier
REV.A
AD629 AD-AD629 Datasheet
595Kb / 24P
Precision, Dual-Channel Instrumentation Amplifier
7/06-Revision 0
AD629 AD-AD629 Datasheet
540Kb / 16P
High Common-Mode Voltage, Difference Amplifier
3/07-Rev. A to Rev. B
AD629 AD-AD629 Datasheet
217Kb / 10P
10 MHz, 20 V/關s, G = 1, 10, 100, 1000 i CMOS짰 Programmable Gain Instrumentation Amplifier
4/07-Revision 0
AD629 AD-AD629 Datasheet
152Kb / 4P
Precision, Dual-Channel Difference Amplifier
More results

Similar Description - AD629

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1193 LINER-LT1193 Datasheet
565Kb / 12P
Video Difference Amplifier
logo
Analog Devices
AD8270 AD-AD8270 Datasheet
152Kb / 4P
Precision, Dual-Channel Difference Amplifier
AD8270 AD-AD8270_08 Datasheet
605Kb / 20P
Precision Dual-Channel, Difference Amplifier
1/08-Revision 0
AD8273 AD-AD8273_08 Datasheet
425Kb / 16P
Dual-Channel, Audio Difference Amplifier
1/08-Revision 0
logo
Unisonic Technologies
PC1316 UTC-PC1316_15 Datasheet
213Kb / 4P
DUAL CHANNEL AUDIO POWER AMPLIFIER
logo
Analog Devices
AD8720 AD-AD8720_08 Datasheet
605Kb / 20P
Precision Dual-Channel, Difference Amplifier
REV. 0
AD8270 AD-AD8270_16 Datasheet
464Kb / 20P
Precision Dual-Channel Difference Amplifier
May-2016
logo
Shenzhen Huazhimei Semi...
HM4809 HMSEMI-HM4809 Datasheet
626Kb / 7P
dual channel audio power amplifier
logo
Analog Devices
AD8273 AD-AD8273_V01 Datasheet
329Kb / 16P
Very Low Distortion, Dual-Channel, High Precision Difference Amplifier
Rev. B
logo
Guangdong Youtai Semico...
LM833 UMW-LM833 Datasheet
866Kb / 5P
Dual channel audio operational amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com