Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8212 Datasheet(PDF) 2 Page - Analog Devices

Part # AD8212
Description  Dual-Channel Audio Difference Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8212 Datasheet(HTML) 2 Page - Analog Devices

  AD8212 Datasheet HTML 1Page - Analog Devices AD8212 Datasheet HTML 2Page - Analog Devices AD8212 Datasheet HTML 3Page - Analog Devices AD8212 Datasheet HTML 4Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AD8273
Preliminary Technical Data
Rev. PrA| Page 2 of 4
SPECIFICATIONS
VS = ±18 V, VREF = 0 V, TA = 25°C, G = 1/2, RL = 2 kΩ, unless otherwise noted.
Table 2.
Parameter
Conditions
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
Bandwidth
12
MHz
Slew Rate
25
V/μs
Settling Time to 0.1%
10V Step on output, CL=100 pF
0.7
μs
Settling Time to 0.01%
10V Step on output, CL=100 pF
0.9
μs
Channel Separation
f = 1 kHz
130
dB
NOISE/DISTORTION1
THD + Noise
f = 1 kHz, VIN= 10 Vrms
0.003
%
Noise Floor, RTO
20 kHz BW
-120
dBu2
Output Voltage Noise (referred to input)
f = 20 Hz to 20 kHz
3
μVrms
f = 1 kHz
20
nV/√Hz
GAIN
Gain Error
0.03
%
Gain Drift
1
10
ppm/°C
Gain Nonlinearity
10
ppm
INPUT CHARACTERISTICS
Offset3
200
400
μV
vs. Temperature
2
μV/°C
vs. Power Supply
5
20
μV/V
Common Mode Rejection Ratio
VCM=±18V, RS=0
Ω, referred to
input
77
86
dB
Input Voltage Range
-Vs-0.5
+VS+0.5
V
Impedance
Differential
24
kΩ
Common Mode4
9
kΩ
OUTPUT CHARACTERISTICS
Output Swing
-Vs+1.5
+ VS -1.5
V
Short circuit current limit
60
mA
Capacitive Load Drive
100
pF
POWER SUPPLY
Supply Current (per Amplifier)
2.5
mA
TEMPERATURE RANGE
Specified Performance
-40
85
1 Includes amplifier voltage noise, resistor network voltage noise, and amplifier current noise through resistor network
2 dBu = 20log(Vrms/0.7746)
3 Includes effects of amplifier’s input bias and offset currents
4 Calculated looking into both inputs. Common mode impedance looking into only one input is 18 k
Ω



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com