Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N11RAMVE10 Datasheet(PDF) 1 Page - Belden Inc.

Part # N11RAMVE10
Description  N11R, M26 x 1.5 thread, Receptacle, Male, Front Mount, Grey/Metal housing, 60 V, 5 A, w/ PG 13.5 panel thread
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

N11RAMVE10 Datasheet(HTML) 1 Page - Belden Inc.

  N11RAMVE10 Datasheet HTML 1Page - Belden Inc. N11RAMVE10 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: N11R AM VE 10
N11R, M26 x 1.5 thread, Receptacle, Male, Front Mount, Grey/Metal housing,
60 V, 5 A, w/ PG 13.5 panel thread
Product Description
NR Circular Connector, M26 x 1.5 thread, Receptacle, Male, Front Mount, 11+PE pins, Grey/Metal housing, 60 V, 5 A, w/ PG 13.5 panel thread
Technical Drawing
Technical Specifications
General Information
Note:
Do not connect or disconnect under load.
Product description
Housing Color:
grey / silver
Number of Pins:
11+PE
Design Standard:
DIN 43651


Similar Part No. - N11RAMVE10

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
N11RAM2M20 BELDEN-N11RAM2M20 Datasheet
794Kb / 2P
N11R, M26 x 1.5 thread, Receptacle, Male, Front Mount, Grey housing, 60 V, 5 A, w/ M20x1.5 panel thread, monoblock design
03-13-2024
More results

Similar Description - N11RAMVE10

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
M24758-31C16 GLENAIR-M24758-31C16 Datasheet
197Kb / 2P
Adapter for PG Thread
logo
Molex Electronics Ltd.
1200840017 MOLEX11-1200840017 Datasheet
154Kb / 2P
Ultra-Lock (M12) 5 Pole, Front Panel Mount Receptacle, 1/2"-14 NPT Mounting Thread
1200840016 MOLEX11-1200840016 Datasheet
155Kb / 2P
Ultra-Lock (M12) 5 Pole, Front Panel Mount Receptacle, 1/2"-14 NPT Mounting Thread, 22 AWG PVC Leads
logo
List of Unclassifed Man...
P683 ETC2-P683 Datasheet
146Kb / 1P
SMP MALE EXTERNAL THREAD PANEL MOUNT HERMETIC SEAL TO STRAIGHT TERMIN
P761 ETC2-P761 Datasheet
120Kb / 1P
SMP MALE HERMETIC SEAL THREAD-IN PANEL MOUNT TO STRAIGHT TERMINATION
logo
Glenair, Inc.
841-003 GLENAIR-841-003 Datasheet
338Kb / 1P
ACME Thread Receptacle
logo
PowerDynamics, Inc
PD-ST1212-P2 POWERDYNAMICS-PD-ST1212-P2 Datasheet
206Kb / 1P
METAL IP67 WATERPROOF MALE FRONT PANEL MOUNT
logo
Banner Engineering Corp...
IT46ST5-VL BANNER-IT46ST5-VL Datasheet
166Kb / 1P
IT4 SERIES FIBER M4 THREAD W/M2.5 THREAD VL
logo
List of Unclassifed Man...
XZCE13M125M ETC1-XZCE13M125M Datasheet
85Kb / 3P
adaptor, metal - tapped hole Pg 13.5 - for male connector, M12, 5-wire
logo
Schneider Electric
XZCE13M125M SCHNEIDER-XZCE13M125M Datasheet
82Kb / 4P
adaptor, metal - tapped hole Pg 13.5 - for male connector, M12, 5-wire
Jan 7, 2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com