Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM6734 Datasheet(PDF) 29 Page - Texas Instruments

Part # AM6734
Description  AM67x Processors
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6734 Datasheet(HTML) 29 Page - Texas Instruments

Back Button AM6734 Datasheet HTML 25Page - Texas Instruments AM6734 Datasheet HTML 26Page - Texas Instruments AM6734 Datasheet HTML 27Page - Texas Instruments AM6734 Datasheet HTML 28Page - Texas Instruments AM6734 Datasheet HTML 29Page - Texas Instruments AM6734 Datasheet HTML 30Page - Texas Instruments AM6734 Datasheet HTML 31Page - Texas Instruments AM6734 Datasheet HTML 32Page - Texas Instruments AM6734 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 237 page
background image
Table 5-1. Pin Attributes (AMW Package) (continued)
BALL
NUMBER [1]
BALL NAME [2]
PADCONFIG Register [15]
PADCONFIG Address [16]
SIGNAL NAME [3]
MUX
MODE
[4]
TYPE
[5]
DSIS
[6]
BALL STATE
DURING
RESET
(RX/TX/PULL) [7]
BALL STATE
AFTER
RESET
(RX/TX/PULL) [8]
MUX
MODE
AFTER
RESET
[9]
I/O
OPERATING
VOLTAGE [10]
POWER [11]
HYS
[12]
BUFFER
TYPE [13]
PULL
UP/DOWN
TYPE [14]
A24
MMC1_SDWP
PADCONFIG
PADCONFIG145
0x000F4244
MMC1_SDWP
0
I
0
Off / Off / Off
Off / Off / Off
7
1.8 V/3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
UART6_TXD
1
I
0
TIMER_IO7
2
I
0
UART3_CTSn
3
I
0
MCAN1_RX
4
I
0
SPI1_CS1
5
I
0
GPIO1_49
7
I
0
H26
MMC2_CLK
PADCONFIG
PADCONFIG70
0x000F4118
MMC2_CLK
0
IO
0
Off / Off / Off
Off / Off / Off
7
1.8 V/3.3 V
VDDSHV6
Yes
SDIO
PU/PD
MCASP1_ACLKR
1
IO
0
MCASP1_AXR5
2
IO
0
UART6_RXD
3
I
1
EHRPWM0_SYNCI
4
I
0
I2C3_SCL
6
IOD
1
GPIO0_69
7
IO
pad
F27
MMC2_CMD
PADCONFIG
PADCONFIG72
0x000F4120
MMC2_CMD
0
IO
1
Off / Off / Off
Off / Off / Off
7
1.8 V/3.3 V
VDDSHV6
Yes
SDIO
PU/PD
MCASP1_AFSR
1
IO
0
MCASP1_AXR4
2
IO
0
UART6_TXD
3
O
EHRPWM0_SYNCO
4
O
EHRPWM_TZn_IN0
5
I
0
I2C3_SDA
6
IOD
1
GPIO0_70
7
IO
pad
F26
MMC2_SDCD
PADCONFIG
PADCONFIG73
0x000F4124
MMC2_SDCD
0
I
0
Off / Off / Off
Off / Off / Off
7
1.8 V/3.3 V
VDDSHV6
Yes
LVCMOS
PU/PD
MCASP1_ACLKX
1
IO
0
UART4_RXD
3
I
1
EHRPWM2_A
4
IO
0
EHRPWM_TZn_IN1
5
I
0
GPIO0_71
7
IO
pad
H21
MMC2_SDWP
PADCONFIG
PADCONFIG74
0x000F4128
MMC2_SDWP
0
I
0
Off / Off / Off
Off / Off / Off
7
1.8 V/3.3 V
VDDSHV6
Yes
LVCMOS
PU/PD
MCASP1_AFSX
1
IO
0
UART4_TXD
3
O
EHRPWM2_B
4
IO
0
EHRPWM_TZn_IN2
5
I
0
GPIO0_72
7
IO
pad
AD3
MMC0_DAT0
MMC0_DAT0
IO
1
On / Off / Up
On / SS / Up
1.8 V
VDDS_MMC0
eMMCPHY
PU/PD
AD2
MMC0_DAT1
MMC0_DAT1
IO
1
On / Off / Up
On / SS / Up
1.8 V
VDDS_MMC0
eMMCPHY
PU/PD
AB4
MMC0_DAT2
MMC0_DAT2
IO
1
On / Off / Up
On / SS / Up
1.8 V
VDDS_MMC0
eMMCPHY
PU/PD
www.ti.com
AM67, AM67A
SPRSPA3A – MARCH 2024 – REVISED SEPTEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: AM67 AM67A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com