Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8790 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX8790
Description  Six-String White LED Driver with Active Current Balancing for LCD Panel Applications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8790 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX8790 Datasheet HTML 16Page - Maxim Integrated Products MAX8790 Datasheet HTML 17Page - Maxim Integrated Products MAX8790 Datasheet HTML 18Page - Maxim Integrated Products MAX8790 Datasheet HTML 19Page - Maxim Integrated Products MAX8790 Datasheet HTML 20Page - Maxim Integrated Products MAX8790 Datasheet HTML 21Page - Maxim Integrated Products MAX8790 Datasheet HTML 22Page - Maxim Integrated Products MAX8790 Datasheet HTML 23Page - Maxim Integrated Products MAX8790 Datasheet HTML 24Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
PCB Layout Guidelines
Careful PCB layout is important for proper operation. Use
the following guidelines for good PCB layout:
1) Minimize the area of the high current-switching loop
of the rectifier diode, external MOSFET, sense resis-
tor, and output capacitor to avoid excessive switching
noise. Use wide and short traces for the gate-drive
loop from the EXT pin, to the MOSFET gate, and
through the current-sense resistor, then returning to
the IC GND pin.
2) Connect high-current input and output components
with short and wide connections. The high-current
input loop goes from the positive terminal of the input
capacitor to the inductor, to the external MOSFET,
then to the current-sense resistor, and to the input
capacitor’s negative terminal. The high-current out-
put loop is from the positive terminal of the input
capacitor to the inductor, to the rectifier diode, to
the positive terminal of the output capacitors,
reconnecting between the output capacitor and
input capacitor ground terminals. Avoid using vias
in the high-current paths. If vias are unavoidable,
use multiple vias in parallel to reduce resistance
and inductance.
3) Create a ground island (PGND) consisting of the
input and output capacitor ground and negative ter-
minal of the current-sense resistor. Connect all
these together with short, wide traces or a small
ground plane. Maximizing the width of the power
ground traces improves efficiency and reduces out-
put-voltage ripple and noise spikes. Create an ana-
log ground island (AGND) consisting of the
overvoltage detection-divider ground connection,
the ISET and FSET resistor connections, CCV and
CPLL capacitor connections, and the device’s
exposed backside pad. Connect the AGND and
PGND islands by connecting the GND pins directly
to the exposed backside pad. Make no other con-
nections between these separate ground planes.
4) Place the overvoltage detection-divider resistors as
close to the OV pin as possible. The divider’s cen-
ter trace should be kept short. Placing the resistors
far away causes the sensing trace to become
antennas that can pick up switching noise. Avoid
running the sensing traces near LX.
5) Place the IN pin bypass capacitor as close to the
device as possible. The ground connection of the
IN bypass capacitor should be connected directly
to GND pins with a wide trace.
6) Minimize the size of the LX node while keeping it
wide and short. Keep the LX node away from the
feedback node and ground. If possible, avoid run-
ning the LX node from one side of the PCB to the
other. Use DC traces as shields, if necessary.
7) Refer to the MAX8790 evaluation kit for an example
of proper board layout.
Six-String White LED Driver with Active
Current Balancing for LCD Panel Applications
______________________________________________________________________________________
21
FB1
N1
CLED
1M
Ω
SHDN
VIN
TO VIN
EXT
FB2
FB3
FB4
FB5
FB6
L1
D1
MAX8790
COUT
VOUT
Figure 6. Startup Circuit with Large Capacitors on LED Strings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com