Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LF50CV Datasheet(PDF) 1 Page - STMicroelectronics

Part # LF50CV
Description  Very low drop voltage regulators with inhibit
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LF50CV Datasheet(HTML) 1 Page - STMicroelectronics

  LF50CV Datasheet HTML 1Page - STMicroelectronics LF50CV Datasheet HTML 2Page - STMicroelectronics LF50CV Datasheet HTML 3Page - STMicroelectronics LF50CV Datasheet HTML 4Page - STMicroelectronics LF50CV Datasheet HTML 5Page - STMicroelectronics LF50CV Datasheet HTML 6Page - STMicroelectronics LF50CV Datasheet HTML 7Page - STMicroelectronics LF50CV Datasheet HTML 8Page - STMicroelectronics LF50CV Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
July 2007
Rev. 18
1/45
45
LFxxAB
LFxxC
Very low drop voltage regulators with inhibit
Features
■ Very low dropout voltage (0.45V)
■ Very low quiescent current (typ. 50 µA in OFF
mode, 500 µA in ON mode)
■ Output current up to 500 mA
■ Logic-controlled electronic shutdown
■ Output voltages of 1.5; 1.8; 2.5; 2.7; 3; 3.3; 3.5;
5; 6; 8; 8.5; 9; 12V
■ Internal current and thermal limit
■ Only 2.2 µF for stability
■ Available in ± 1% (AB) or ± 2% (C) selection at
25°C
■ Supply voltage rejection: 80db (typ.)
■ Temperature range: -40 to 125°C
Description
The LFxxAB/LFxxC are very Low Drop regulators
available in PENTAWATT, TO-220, TO-220FP,
DPAK and PPAK package and in a wide range of
output voltages.
The very Low Drop voltage (0.45V) and the very
low quiescent current make them particularly
suitable for Low Noise, Low Power applications
and specially in battery powered systems.
In the 5 pins configuration (PENTAWATT and
PPAK) a Shutdown Logic Control function is
available (pin 2, TTL compatible). This means that
when the device is used as a local regulator, it is
possible to put a part of the board in standby,
decreasing the total power consumption. In the
three terminal configuration the device has the
same electrical performance, but is fixed in the
ON state. It requires only a 2.2 µF capacitor for
stability allowing space and cost saving.
TO-220FP
PENTAWATT
TO-220
DPAK
PPAK
Table 1.
Device summary
Order codes
LF15C
LF27AB
LF40C
LF80AB
LF15AB
LF30C
LF40AB
LF85C
LF18C
LF30AB
LF50C
LF85AB
LF18AB
LF33C
LF50AB
LF90C
LF25C
LF33AB
LF60C
LF90AB
LF25AB
LF35C
LF60AB
LF120C
LF27C
LF35AB
LF80C
LF120AB
www.st.com


Similar Part No. - LF50CV

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LF50CV STMICROELECTRONICS-LF50CV Datasheet
649Kb / 34P
VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
Aug-2003
LF50CV STMICROELECTRONICS-LF50CV Datasheet
260Kb / 32P
VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
Jul-1999
LF50CV STMICROELECTRONICS-LF50CV Datasheet
598Kb / 46P
Very low drop voltage regulators with inhibit
24-May-2006
LF50CV STMICROELECTRONICS-LF50CV Datasheet
1Mb / 49P
Very low drop voltage regulators with inhibit
12-Feb-2008
LF50CV STMICROELECTRONICS-LF50CV Datasheet
2Mb / 53P
Very low drop voltage regulator with inhibit function
22-May-2017
More results

Similar Description - LF50CV

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
KF00 STMICROELECTRONICS-KF00 Datasheet
224Kb / 17P
VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
Jan-2004
L4931 STMICROELECTRONICS-L4931 Datasheet
324Kb / 29P
VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
Jan-2004
LF00 STMICROELECTRONICS-LF00 Datasheet
649Kb / 34P
VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
Aug-2003
LF00AB STMICROELECTRONICS-LF00AB Datasheet
260Kb / 32P
VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
Jul-1999
LF00 STMICROELECTRONICS-LF00_06 Datasheet
598Kb / 46P
Very low drop voltage regulators with inhibit
24-May-2006
KFXXB STMICROELECTRONICS-KFXXB Datasheet
740Kb / 22P
Very low drop voltage regulators with inhibit
14-Dec-2007
LD2979XX STMICROELECTRONICS-LD2979XX Datasheet
298Kb / 15P
Very low drop voltage regulators with inhibit
09-Apr-2008
LEXXAB STMICROELECTRONICS-LEXXAB_08 Datasheet
908Kb / 39P
Very low drop voltage regulators with inhibit
10-Jul-2008
L4931ABXX STMICROELECTRONICS-L4931ABXX Datasheet
905Kb / 36P
Very low drop voltage regulators with inhibit
18-Aug-2008
LEXXAB STMICROELECTRONICS-LEXXAB Datasheet
912Kb / 39P
Very low drop voltage regulators with inhibit
10-Jul-2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com