Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC00ADBLE Datasheet(PDF) 3 Page - Texas Instruments

Part # SN74LVC00ADBLE
Description  QUADRUPLE 2-INPUT POSITIVE-NAND GATES
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC00ADBLE Datasheet(HTML) 3 Page - Texas Instruments

  SN74LVC00ADBLE Datasheet HTML 1Page - Texas Instruments SN74LVC00ADBLE Datasheet HTML 2Page - Texas Instruments SN74LVC00ADBLE Datasheet HTML 3Page - Texas Instruments SN74LVC00ADBLE Datasheet HTML 4Page - Texas Instruments SN74LVC00ADBLE Datasheet HTML 5Page - Texas Instruments SN74LVC00ADBLE Datasheet HTML 6Page - Texas Instruments SN74LVC00ADBLE Datasheet HTML 7Page - Texas Instruments SN74LVC00ADBLE Datasheet HTML 8Page - Texas Instruments SN74LVC00ADBLE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
www.ti.com
Absolute Maximum Ratings
(1)
SN54LVC00A, SN74LVC00A
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SCAS279P – JANUARY 1993 – REVISED JULY 2005
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage range
–0.5
6.5
V
VI
Input voltage range(2)
–0.5
6.5
V
VO
Output voltage range(2)(3)
–0.5
VCC + 0.5
V
IIK
Input clamp current
VI < 0
–50
mA
IOK
Output clamp current
VO < 0
–50
mA
IO
Continuous output current
±50
mA
VCC
Continuous current through GND
±100
mA
D package(4)
86
DB package(4)
96
θ
JA
Package thermal impedance
NS package(4)
76
°C/W
PW package(4)
113
RGY package(5)
47
Tstg
Storage temperature range
–65
150
°C
Ptot
Power dissipation(6)(7)
TA = –40°C to 125°C
500
mW
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The input and output negative-voltage ratings may be exceeded if the input and output current ratings are observed.
(3)
The value of VCC is provided in the recommended operating conditions table.
(4)
The package thermal impedance is calculated in accordance with JESD 51-7.
(5)
The package thermal impedance is calculated in accordance with JESD 51-5.
(6)
For the D package: above 70
°C, the value of P
tot derates linearly with 8 mW/K.
(7)
For the DB, NS, and PW packages: above 60
°C, the value of P
tot derates linearly with 5.5 mW/K.
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com