Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCT070W120G3-4 Datasheet(PDF) 9 Page - STMicroelectronics

Part # SCT070W120G3-4
Description  Silicon carbide Power MOSFET 1200 V, 63 mΩ typ., 30 A in an HiP247-4 package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SCT070W120G3-4 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button SCT070W120G3-4 Datasheet HTML 4Page - STMicroelectronics SCT070W120G3-4 Datasheet HTML 5Page - STMicroelectronics SCT070W120G3-4 Datasheet HTML 6Page - STMicroelectronics SCT070W120G3-4 Datasheet HTML 7Page - STMicroelectronics SCT070W120G3-4 Datasheet HTML 8Page - STMicroelectronics SCT070W120G3-4 Datasheet HTML 9Page - STMicroelectronics SCT070W120G3-4 Datasheet HTML 10Page - STMicroelectronics SCT070W120G3-4 Datasheet HTML 11Page - STMicroelectronics SCT070W120G3-4 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Table 8. HiP247-4 mechanical data
Dim.
mm
Min.
Typ.
Max.
A
4.90
5.00
5.10
A1
2.31
2.41
2.51
A2
1.90
2.00
2.10
b
1.16
1.29
b1
1.15
1.20
1.25
b2
0
0.20
c
0.59
0.66
c1
0.58
0.60
0.62
D
20.90
21.00
21.10
D1
16.25
16.55
16.85
D2
1.05
1.20
1.35
D3
24.97
25.12
25.27
E
15.70
15.80
15.90
E1
13.10
13.30
13.50
E2
4.90
5.00
5.10
E3
2.40
2.50
2.60
e
2.44
2.54
2.64
e1
4.98
5.08
5.18
L
19.80
19.92
20.10
P
3.50
3.60
3.70
P1
7.40
P2
2.40
2.50
2.60
Q
5.60
6.00
S
6.15
T
9.80
10.20
U
6.00
6.40
aaa
0.04
0.10
SCT070W120G3-4
HiP247-4 package information
DS14405 - Rev 1
page 9/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com