Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72324BK Datasheet(PDF) 104 Page - STMicroelectronics

Part # ST72324BK
Description  8-bit MCU, 3.8 to 5.5 V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72324BK Datasheet(HTML) 104 Page - STMicroelectronics

Back Button ST72324BK Datasheet HTML 100Page - STMicroelectronics ST72324BK Datasheet HTML 101Page - STMicroelectronics ST72324BK Datasheet HTML 102Page - STMicroelectronics ST72324BK Datasheet HTML 103Page - STMicroelectronics ST72324BK Datasheet HTML 104Page - STMicroelectronics ST72324BK Datasheet HTML 105Page - STMicroelectronics ST72324BK Datasheet HTML 106Page - STMicroelectronics ST72324BK Datasheet HTML 107Page - STMicroelectronics ST72324BK Datasheet HTML 108Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 188 page
background image
On-chip peripherals
ST72324B
104/188
●
Parity control
–
Transmits parity bit
–
Checks parity of received data byte
●
Reduced power consumption mode
10.5.3
General description
The interface is externally connected to another device by two pins (see Figure 58):
●
TDO: Transmit Data Output. When the transmitter and the receiver are disabled, the
output pin returns to its I/O port configuration. When the transmitter and/or the receiver
are enabled and nothing is to be transmitted, the TDO pin is at high level.
●
RDI: Receive Data Input is the serial data input. Oversampling techniques are used for
data recovery by discriminating between valid incoming data and noise.
Through these pins, serial data is transmitted and received as frames comprising:
●
an Idle Line prior to transmission or reception
●
a start bit
●
a data word (8 or 9 bits) least significant bit first
●
a Stop bit indicating that the frame is complete
This interface uses two types of baud rate generator:
●
a conventional type for commonly-used baud rates
●
an extended type with a prescaler offering a very wide range of baud rates even with
non-standard oscillator frequencies



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com