Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72324BK Datasheet(PDF) 108 Page - STMicroelectronics

Part # ST72324BK
Description  8-bit MCU, 3.8 to 5.5 V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72324BK Datasheet(HTML) 108 Page - STMicroelectronics

Back Button ST72324BK Datasheet HTML 104Page - STMicroelectronics ST72324BK Datasheet HTML 105Page - STMicroelectronics ST72324BK Datasheet HTML 106Page - STMicroelectronics ST72324BK Datasheet HTML 107Page - STMicroelectronics ST72324BK Datasheet HTML 108Page - STMicroelectronics ST72324BK Datasheet HTML 109Page - STMicroelectronics ST72324BK Datasheet HTML 110Page - STMicroelectronics ST72324BK Datasheet HTML 111Page - STMicroelectronics ST72324BK Datasheet HTML 112Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 188 page
background image
On-chip peripherals
ST72324B
108/188
Break characters
Setting the SBK bit loads the shift register with a break character. The break frame length
depends on the M bit (see Figure 58).
As long as the SBK bit is set, the SCI send break frames to the TDO pin. After clearing this
bit by software the SCI insert a logic 1 bit at the end of the last break frame to guarantee the
recognition of the start bit of the next frame.
Idle characters
Setting the TE bit drives the SCI to send an idle frame before the first data frame.
Clearing and then setting the TE bit during a transmission sends an idle frame after the
current word.
Note:
Resetting and setting the TE bit causes the data in the TDR register to be lost. Therefore,
the best time to toggle the TE bit is when the TDRE bit is set, that is, before writing the next
byte in the SCIDR.
Receiver
The SCI can receive data words of either 8 or 9 bits. When the M bit is set, word length is 9
bits and the MSB is stored in the R8 bit in the SCICR1 register.
Character reception
During a SCI reception, data shifts in least significant bit first through the RDI pin. In this
mode, the SCIDR register consists or a buffer (RDR) between the internal bus and the
received shift register (see Figure 57).
Procedure
1.
Select the M bit to define the word length.
2.
Select the desired baud rate using the SCIBRR and the SCIERPR registers.
3.
Set the RE bit, this enables the receiver which begins searching for a start bit.
When a character is received:
●
The RDRF bit is set. It indicates that the content of the shift register is transferred to the
RDR.
●
An interrupt is generated if the RIE bit is set and the I bit is cleared in the CCR register.
●
The error flags can be set if a frame error, noise or an overrun error has been detected
during reception.
Clearing the RDRF bit is performed by the following software sequence done by:
1. An access to the SCISR register
2. A read to the SCIDR register.
The RDRF bit must be cleared before the end of the reception of the next character to avoid
an overrun error.
Break character
When a break character is received, the SCI handles it as a framing error.
Idle character
When a idle frame is detected, there is the same procedure as a data received character
plus an interrupt if the ILIE bit is set and the I bit is cleared in the CCR register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com