Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72324BK Datasheet(PDF) 110 Page - STMicroelectronics

Part # ST72324BK
Description  8-bit MCU, 3.8 to 5.5 V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72324BK Datasheet(HTML) 110 Page - STMicroelectronics

Back Button ST72324BK Datasheet HTML 106Page - STMicroelectronics ST72324BK Datasheet HTML 107Page - STMicroelectronics ST72324BK Datasheet HTML 108Page - STMicroelectronics ST72324BK Datasheet HTML 109Page - STMicroelectronics ST72324BK Datasheet HTML 110Page - STMicroelectronics ST72324BK Datasheet HTML 111Page - STMicroelectronics ST72324BK Datasheet HTML 112Page - STMicroelectronics ST72324BK Datasheet HTML 113Page - STMicroelectronics ST72324BK Datasheet HTML 114Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 188 page
background image
On-chip peripherals
ST72324B
110/188
Figure 59.
SCI baud rate and extended prescaler block diagram
Framing error
A framing error is detected when:
●
The stop bit is not recognized on reception at the expected time, following either a de-
synchronization or excessive noise.
●
A break is received.
When the framing error is detected:
●
the FE bit is set by hardware
●
Data is transferred from the Shift register to the SCIDR register.
●
No interrupt is generated. However this bit rises at the same time as the RDRF bit
which itself generates an interrupt.
The FE bit is reset by a SCISR register read operation followed by a SCIDR register read
operation.
Transmitter
Receiver
SCIETPR
SCIERPR
Extended prescaler receiver rate control
Extended prescaler transmitter rate control
Extended prescaler
clock
clock
Receiver rate
Transmitter rate
SCIBRR
SCP1
fCPU
control
control
SCP0 SCT2 SCT1 SCT0 SCR2 SCR1SCR0
/PR
/16
Conventional baud rate generator
Extended receiver prescaler register
Extended transmitter prescaler register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com