Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72324BK Datasheet(PDF) 112 Page - STMicroelectronics

Part # ST72324BK
Description  8-bit MCU, 3.8 to 5.5 V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72324BK Datasheet(HTML) 112 Page - STMicroelectronics

Back Button ST72324BK Datasheet HTML 108Page - STMicroelectronics ST72324BK Datasheet HTML 109Page - STMicroelectronics ST72324BK Datasheet HTML 110Page - STMicroelectronics ST72324BK Datasheet HTML 111Page - STMicroelectronics ST72324BK Datasheet HTML 112Page - STMicroelectronics ST72324BK Datasheet HTML 113Page - STMicroelectronics ST72324BK Datasheet HTML 114Page - STMicroelectronics ST72324BK Datasheet HTML 115Page - STMicroelectronics ST72324BK Datasheet HTML 116Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 188 page
background image
On-chip peripherals
ST72324B
112/188
Receiver muting and wake-up feature
In multiprocessor configurations it is often desirable that only the intended message
recipient should actively receive the full message contents, thus reducing redundant SCI
service overhead for all non-addressed receivers.
The non-addressed devices may be placed in sleep mode by means of the muting function.
Setting the RWU bit by software puts the SCI in sleep mode:
All the reception status bits cannot be set.
All the receive interrupts are inhibited.
A muted receiver may be awakened by one of the following two ways:
●
by Idle Line detection if the Wake bit is reset,
●
by Address Mark detection if the Wake bit is set.
A receiver wakes up by Idle Line detection when the Receive line has recognized an Idle
Frame. Then the RWU bit is reset by hardware but the Idle bit is not set.
A receiver wakes up by Address Mark detection when it received a ‘1’ as the most significant
bit of a word, thus indicating that the message is an address. The reception of this particular
word wakes up the receiver, resets the RWU bit and sets the RDRF bit, which allows the
receiver to receive this word normally and to use it as an address word.
Caution:
In Mute mode, do not write to the SCICR2 register. If the SCI is in Mute mode during the
read operation (RWU = 1) and an address mark wake-up event occurs (RWU is reset)
before the write operation, the RWU bit will be set again by this write operation.
Consequently the address byte is lost and the SCI is not woken up from Mute mode.
Parity control
Parity control (generation of parity bit in transmission and parity checking in reception) can
be enabled by setting the PCE bit in the SCICR1 register. Depending on the frame length
defined by the M bit, the possible SCI frame formats are as listed in Table 58.
Table 58.
Frame formats(1)(2)
1.
SB = Start bit, STB = Stop bit, and PB = Parity bit.
2.
In case of wake-up by an address mark, the MSB bit of the data is taken into account and not the Parity bit.
M bit
PCE bit
SCI frame
0
0
| SB | 8 bit data | STB |
0
1
| SB | 7-bit data | PB | STB |
1
0
| SB | 9-bit data | STB |
1
1
| SB | 8-bit data PB | STB |



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com