Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72324BK Datasheet(PDF) 111 Page - STMicroelectronics

Part # ST72324BK
Description  8-bit MCU, 3.8 to 5.5 V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72324BK Datasheet(HTML) 111 Page - STMicroelectronics

Back Button ST72324BK Datasheet HTML 107Page - STMicroelectronics ST72324BK Datasheet HTML 108Page - STMicroelectronics ST72324BK Datasheet HTML 109Page - STMicroelectronics ST72324BK Datasheet HTML 110Page - STMicroelectronics ST72324BK Datasheet HTML 111Page - STMicroelectronics ST72324BK Datasheet HTML 112Page - STMicroelectronics ST72324BK Datasheet HTML 113Page - STMicroelectronics ST72324BK Datasheet HTML 114Page - STMicroelectronics ST72324BK Datasheet HTML 115Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 188 page
background image
ST72324B
On-chip peripherals
111/188
Conventional baud rate generation
The baud rate for the receiver and transmitter (Rx and Tx) are set independently and
calculated as follows:
with:
PR = 1, 3, 4 or 13 (see SCP[1:0] bits)
TR = 1, 2, 4, 8, 16, 32, 64,128
(see SCT[2:0] bits)
RR = 1, 2, 4, 8, 16, 32, 64,128
(see SCR[2:0] bits)
All these bits are in the SCI Baud Rate Register (SCIBRR) on page 120.
Example: If fCPU is 8 MHz (normal mode) and if PR = 13 and TR = RR = 1, the transmit and
receive baud rates are 38400 baud.
Note:
The baud rate registers MUST NOT be changed while the transmitter or the receiver is
enabled.
Extended baud rate generation
The extended prescaler option gives a very fine tuning on the baud rate, using a 255 value
prescaler, whereas the conventional baud rate generator retains industry standard software
compatibility.
The extended baud rate generator block diagram is described in Figure 59.
The output clock rate sent to the transmitter or to the receiver will be the output from the 16
divider divided by a factor ranging from 1 to 255 set in the SCIERPR or the SCIETPR
register.
The extended prescaler is activated by setting the SCIETPR or SCIERPR register to a value
other than zero. The baud rates are calculated as follows:
with:
ETPR = 1,..,255, see SCI Extended Transmit Prescaler Division Register (SCIETPR) on
page 121.
ERPR = 1,.. 255, see SCI Extended Receive Prescaler Division Register (SCIERPR) on
page 120.
Tx =
(16*PR)*TR
fCPU
Rx =
(16*PR)*RR
fCPU
Tx =
16*ETPR*(PR*TR)
fCPU
Rx =
16*ERPR*(PR*RR)
fCPU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com