Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72324BK Datasheet(PDF) 119 Page - STMicroelectronics

Part # ST72324BK
Description  8-bit MCU, 3.8 to 5.5 V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72324BK Datasheet(HTML) 119 Page - STMicroelectronics

Back Button ST72324BK Datasheet HTML 115Page - STMicroelectronics ST72324BK Datasheet HTML 116Page - STMicroelectronics ST72324BK Datasheet HTML 117Page - STMicroelectronics ST72324BK Datasheet HTML 118Page - STMicroelectronics ST72324BK Datasheet HTML 119Page - STMicroelectronics ST72324BK Datasheet HTML 120Page - STMicroelectronics ST72324BK Datasheet HTML 121Page - STMicroelectronics ST72324BK Datasheet HTML 122Page - STMicroelectronics ST72324BK Datasheet HTML 123Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 188 page
background image
ST72324B
On-chip peripherals
119/188
SCI Data Register (SCIDR)
This register contains the received or transmitted data character, depending on whether it is
read from or written to.
The Data register performs a double function (read and write) since it is composed of two
registers, one for transmission (TDR) and one for reception (RDR).
The TDR register provides the parallel interface between the internal bus and the output
shift register (see Figure 57). The RDR register provides the parallel interface between the
input shift register and the internal bus (see Figure 57).
3TE
Transmitter Enable
This bit enables the transmitter. It is set and cleared by software.
0: Transmitter is disabled
1: Transmitter is enabled
Notes:
- During transmission, a ‘0’ pulse on the TE bit (‘0’ followed by ‘1’) sends a preamble
(Idle line) after the current word.
- When TE is set there is a 1 bit-time delay before the transmission starts.
Caution: The TDO pin is free for general purpose I/O only when the TE and RE bits
are both cleared (or if TE is never set).
2RE
Receiver Enable
This bit enables the receiver. It is set and cleared by software.
0: Receiver is disabled
1: Receiver is enabled and begins searching for a start bit
Note: Before selecting Mute mode (setting the RWU bit), the SCI must first receive
some data, otherwise it cannot function in Mute mode with Wake-Up by Idle line
detection.
1RWU
Receiver Wake-Up
This bit determines if the SCI is in mute mode or not. It is set and cleared by
software and can be cleared by hardware when a wake-up sequence is recognized.
0: Receiver in Active mode
1: Receiver in Mute mode
0SBK
Send Break
This bit set is used to send break characters. It is set and cleared by software.
0: No break character is transmitted.
1: Break characters are transmitted.
Note: If the SBK bit is set to ‘1’ and then to ‘0’, the transmitter will send a Break word
at the end of the current word.
SCIDR
Reset value: undefined
7
654
32
10
DR7
DR6
DR5
DR4
DR3
DR2
DR1
DR0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Table 63.
SCICR2 register description (continued)
Bit
Name
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com