Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72324BK Datasheet(PDF) 121 Page - STMicroelectronics

Part # ST72324BK
Description  8-bit MCU, 3.8 to 5.5 V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72324BK Datasheet(HTML) 121 Page - STMicroelectronics

Back Button ST72324BK Datasheet HTML 117Page - STMicroelectronics ST72324BK Datasheet HTML 118Page - STMicroelectronics ST72324BK Datasheet HTML 119Page - STMicroelectronics ST72324BK Datasheet HTML 120Page - STMicroelectronics ST72324BK Datasheet HTML 121Page - STMicroelectronics ST72324BK Datasheet HTML 122Page - STMicroelectronics ST72324BK Datasheet HTML 123Page - STMicroelectronics ST72324BK Datasheet HTML 124Page - STMicroelectronics ST72324BK Datasheet HTML 125Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 188 page
background image
ST72324B
On-chip peripherals
121/188
SCI Extended Transmit Prescaler Division Register (SCIETPR)
This register is used to set the External Prescaler rate division factor for the transmit circuit.
Table 65.
SCIERPR register description
Bit
Name
Function
7:0
ERPR[7:0]
8-bit Extended Receive Prescaler Register
The extended baud rate generator is activated when a value different from 00h
is stored in this register. Therefore the clock frequency issued from the 16
divider (see Figure 59) is divided by the binary factor set in the SCIERPR
register (in the range 1 to 255).
The extended baud rate generator is not used after a reset.
SCIETPR
Reset value: 0000 0000 (00h)
7
654
32
10
ETPR[7:0]
R/W
Table 66.
SCIETPR register description
Bit
Name
Function
7:0
ETPR[7:0]
8-bit Extended Transmit Prescaler Register
The extended baud rate generator is activated when a value different from 00h
is stored in this register. Therefore the clock frequency issued from the 16
divider (see Figure 59) is divided by the binary factor set in the SCIETPR
register (in the range 1 to 255).
The extended baud rate generator is not used after a reset.
Table 67.
Baud rate selection
Symbol
Parameter
Conditions
Standard
Baud rate
Unit
fCPU
Accuracy vs.
Standard
Prescaler
fTx
fRx
Communication
frequency
8MHz
~0.16%
Conventional mode
TR (or RR) = 128, PR = 13
TR (or RR) = 32, PR = 13
TR (or RR) = 16, PR = 13
TR (or RR) = 8, PR = 13
TR (or RR) = 4, PR = 13
TR (or RR) = 16, PR = 3
TR (or RR) = 2, PR =13
TR (or RR) = 1, PR = 13
300
1200
2400
4800
9600
10400
19200
38400
~300.48
~1201.92
~2403.84
~4807.69
~9615.38
~10416.67
~19230.77
~38461.54
Hz
~0.79%
Extended mode
ETPR (or ERPR) = 35,
TR (or RR)= 1, PR = 1
14400
~14285.71



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com