Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72324BK Datasheet(PDF) 130 Page - STMicroelectronics

Part # ST72324BK
Description  8-bit MCU, 3.8 to 5.5 V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72324BK Datasheet(HTML) 130 Page - STMicroelectronics

Back Button ST72324BK Datasheet HTML 126Page - STMicroelectronics ST72324BK Datasheet HTML 127Page - STMicroelectronics ST72324BK Datasheet HTML 128Page - STMicroelectronics ST72324BK Datasheet HTML 129Page - STMicroelectronics ST72324BK Datasheet HTML 130Page - STMicroelectronics ST72324BK Datasheet HTML 131Page - STMicroelectronics ST72324BK Datasheet HTML 132Page - STMicroelectronics ST72324BK Datasheet HTML 133Page - STMicroelectronics ST72324BK Datasheet HTML 134Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 188 page
background image
Instruction set
ST72324B
130/188
.
11.1.3
Direct
In Direct instructions, the operands are referenced by their memory address. The direct
addressing mode consists of two submodes:
Direct (short)
The address is a byte, thus requiring only one byte after the opcode, but only allows
00 - FF addressing space.
Direct (long)
The address is a word, thus allowing 64 Kbyte addressing space, but requires 2 bytes after
the opcode.
11.1.4
Indexed (no offset, short, long)
In this mode, the operand is referenced by its memory address, which is defined by the
unsigned addition of an index register (X or Y) with an offset.
The indexed addressing mode consists of three submodes:
Indexed (no offset)
There is no offset, (no extra byte after the opcode), and it allows 00 - FF addressing space.
Indexed (short)
The offset is a byte, thus requiring only one byte after the opcode and allows 00 - 1FE
addressing space.
Indexed (long)
The offset is a word, thus allowing 64 Kbyte addressing space and requires 2 bytes after the
opcode.
11.1.5
Indirect (short, long)
The required data byte to do the operation is found by its memory address, located in
memory (pointer).
The pointer address follows the opcode. The indirect addressing mode consists of two
submodes:
Table 77.
Immediate instructions
Instruction
Function
LD
Load
CP
Compare
BCP
Bit Compare
AND, OR, XOR
Logical operations
ADC, ADD, SUB, SBC
Arithmetic operations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com