Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72324BK Datasheet(PDF) 131 Page - STMicroelectronics

Part # ST72324BK
Description  8-bit MCU, 3.8 to 5.5 V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72324BK Datasheet(HTML) 131 Page - STMicroelectronics

Back Button ST72324BK Datasheet HTML 127Page - STMicroelectronics ST72324BK Datasheet HTML 128Page - STMicroelectronics ST72324BK Datasheet HTML 129Page - STMicroelectronics ST72324BK Datasheet HTML 130Page - STMicroelectronics ST72324BK Datasheet HTML 131Page - STMicroelectronics ST72324BK Datasheet HTML 132Page - STMicroelectronics ST72324BK Datasheet HTML 133Page - STMicroelectronics ST72324BK Datasheet HTML 134Page - STMicroelectronics ST72324BK Datasheet HTML 135Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 188 page
background image
ST72324B
Instruction set
131/188
Indirect (short)
The pointer address is a byte, the pointer size is a byte, thus allowing 00 - FF addressing
space, and requires 1 byte after the opcode.
Indirect (long)
The pointer address is a byte, the pointer size is a word, thus allowing 64 Kbyte addressing
space, and requires 1 byte after the opcode.
11.1.6
Indirect indexed (short, long)
This is a combination of indirect and short indexed addressing modes. The operand is
referenced by its memory address, which is defined by the unsigned addition of an index
register value (X or Y) with a pointer value located in memory. The pointer address follows
the opcode.
The indirect indexed addressing mode consists of two submodes:
Indirect indexed (short)
The pointer address is a byte, the pointer size is a byte, thus allowing 00 - 1FE addressing
space, and requires 1 byte after the opcode.
Indirect indexed (long)
The pointer address is a byte, the pointer size is a word, thus allowing 64 Kbyte addressing
space, and requires 1 byte after the opcode.
I
Table 78.
Instructions supporting direct, indexed, indirect and indirect indexed
addressing modes
Instructions
Function
Long and short
LD
Load
CP
Compare
AND, OR, XOR
Logical operations
ADC, ADD, SUB, SBC
Arithmetic Additions/Subtractions operations
BCP
Bit Compare
Short only
CLR
Clear
INC, DEC
Increment/Decrement
TNZ
Test Negative or Zero
CPL, NEG
1 or 2 Complement
BSET, BRES
Bit operations
BTJT, BTJF
Bit Test and Jump operations
SLL, SRL, SRA, RLC, RRC
Shift and Rotate operations
SWAP
Swap nibbles
CALL, JP
Call or Jump sub-routine



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com