Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72324BK Datasheet(PDF) 155 Page - STMicroelectronics

Part # ST72324BK
Description  8-bit MCU, 3.8 to 5.5 V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72324BK Datasheet(HTML) 155 Page - STMicroelectronics

Back Button ST72324BK Datasheet HTML 151Page - STMicroelectronics ST72324BK Datasheet HTML 152Page - STMicroelectronics ST72324BK Datasheet HTML 153Page - STMicroelectronics ST72324BK Datasheet HTML 154Page - STMicroelectronics ST72324BK Datasheet HTML 155Page - STMicroelectronics ST72324BK Datasheet HTML 156Page - STMicroelectronics ST72324BK Datasheet HTML 157Page - STMicroelectronics ST72324BK Datasheet HTML 158Page - STMicroelectronics ST72324BK Datasheet HTML 159Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 188 page
background image
ST72324B
Electrical characteristics
155/188
Figure 72.
Typical VOL at VDD = 5V (standard ports)
Figure 73.
Typical VOL at VDD = 5V (high-sink ports)
Figure 74.
Typical VOH at VDD =5V
0
0.2
0.4
0.6
0.8
1
1.2
1.4
0
0 .0 05
0.01
0 .0 1 5
Ii o (A )
Ta = 1 4 0 ° C "
Ta = 9 5 ° C
Ta = 2 5 ° C
Ta = -4 5 °C
510
15
IIO (mA)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
0
0.01
0.0 2
0 .0 3
Iio (A )
Ta = 140 °C
Ta = 9 5 °C
Ta = 2 5 °C
Ta = -45° C
10
20
30
IIO (mA)
2
2.5
3
3.5
4
4.5
5
5.5
-0 .0 1
-0 .0 0 8
-0 .0 0 6
-0 .0 0 4
-0 .0 0 2
0
Ii o (A )
V d d = 5V 1 4 0° C m in
V d d = 5v 95° C m in
V d d = 5v 25° C m in
Vd d = 5 v -4 5 ° C m i n
-10
-8
-6
-4
-2
0
IIO (mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com