Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72324BK Datasheet(PDF) 157 Page - STMicroelectronics

Part # ST72324BK
Description  8-bit MCU, 3.8 to 5.5 V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72324BK Datasheet(HTML) 157 Page - STMicroelectronics

Back Button ST72324BK Datasheet HTML 153Page - STMicroelectronics ST72324BK Datasheet HTML 154Page - STMicroelectronics ST72324BK Datasheet HTML 155Page - STMicroelectronics ST72324BK Datasheet HTML 156Page - STMicroelectronics ST72324BK Datasheet HTML 157Page - STMicroelectronics ST72324BK Datasheet HTML 158Page - STMicroelectronics ST72324BK Datasheet HTML 159Page - STMicroelectronics ST72324BK Datasheet HTML 160Page - STMicroelectronics ST72324BK Datasheet HTML 161Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 188 page
background image
ST72324B
Electrical characteristics
157/188
12.10
Control pin characteristics
12.10.1
Asynchronous RESET pin
Subject to general operating conditions for VDD, fCPU, and TA unless otherwise specified.
Table 107.
Asynchronous RESET pin
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIL
Input low level voltage(1)
0.3xVDD
V
VIH
Input high level voltage(1)
0.7xVDD
Vhys
Schmitt trigger voltage hysteresis(2)
2.5
VOL
Output low level voltage(3)
VDD = 5V, IIO = +2mA
0.2
0.5
V
IIO
Driving current on RESET pin
2
mA
RON
Weak pull-up equivalent resistor
VDD = 5V
20
30
120
k
Ω
tw(RSTL)out Generated reset pulse duration
Internal reset sources
20
30
42(4)
µs
th(RSTL)in
External reset pulse hold time(5)
2.5
µs
tg(RSTL)in Filtered glitch duration
(6)
200
ns
1.
Data based on characterization results, not tested in production.
2.
Hysteresis voltage between Schmitt trigger switching levels.
3.
The IIO current sunk must always respect the absolute maximum rating specified in Section 12.2.2 and the sum of IIO (I/O
ports and control pins) must not exceed IVSS.
4.
Data guaranteed by design, not tested in production.
5.
To guarantee the reset of the device, a minimum pulse has to be applied to the RESET pin. All short pulses applied on the
RESET pin with a duration below th(RSTL)in can be ignored.
6.
The reset network (the resistor and two capacitors) protects the device against parasitic resets, especially in noisy
environments.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com