Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP201 Datasheet(PDF) 1 Page - Polyfet RF Devices

Part # SP201
Description  SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POLYFET [Polyfet RF Devices]
Direct Link  http://www.polyfet.com
Logo POLYFET - Polyfet RF Devices

SP201 Datasheet(HTML) 1 Page - Polyfet RF Devices

  SP201 Datasheet HTML 1Page - Polyfet RF Devices SP201 Datasheet HTML 2Page - Polyfet RF Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
polyfet rf devices
SP201
10
Single Ended
AP
6.0
0.6
10.0
10.00 C/W
65
0.3
1.40
0.2
45
4.00
0.50
1.2
20
0.02
70
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
TEST CONDITIONS
Common Source Power Gain
Drain Efficiency
Total
Device
Dissipation
Junction to
Case Thermal
Resistance
Maximum
Junction
Temperature
Storage
Temperature
DC Drain
Current
Drain to
Source
Voltage
Gate to
Source
Voltage
-65 C to 150 C
200 C
A
V
Load Mismatch Tolerance
VSWR
Drain to
Gate
Voltage
20:1
Relative
0.20
10.00
Ids =
mA, Vgs = 0V
V, Vgs = 0V
Ciss
Crss
Coss
Vds =
Idq =
A, Vds =
V, F =
0.20
Bvdss
Idss
Drain Breakdown Voltage
V
mA
pF
pF
pF
Common Source Output Capacitance
Common Source Feedback Capacitance
Idq =
Idq = 0.20
1,000
Vgs = 20V, Ids =
Rdson
Saturation Resistance
Forward Transconductance
gM
Vds = 10V, Vgs = 5V
POLYFET RF DEVICES
1110 Avenida Acaso, Camarillo, Ca 93012 Tel:(805) 484-4210 FAX: (805) 484-3393 EMAIL:Sales@polyfet.com URL:www.polyfet.com
1,000
1,000
Common Source Input Capacitance
70
V
Igss
Vgs
Idsat
Zero Bias Drain Current
Gate Leakage Current
Gate Bias for Drain Current
Saturation Current
1
7
uA
V
Mho
Ohm
Amp
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
TEST CONDITIONS
ELECTRICAL CHARACTERISTICS ( EACH SIDE )
RF CHARACTERISTICS (
4.0
ABSOLUTE MAXIMUM RATINGS ( T =
Gps
28.0
A, Vds =
V, F =
A, Vds =
V, F =
28.0
28.0
Watts
V
1
MHz
MHz
MHz
Watts
Package Style
4.0
Vds = 0V Vgs = 30V
Vgs = 20V, Vds = 10V
HIGH EFFICIENCY, LINEAR
HIGH GAIN, LOW NOISE
General Description
28.0
Vds =
A, Vgs = Vds
Ids =
A
η
dB
%
o
o
o
o
o
Silicon VDMOS and LDMOS
transistors designed specifically
for broadband RF applications.
Suitable for Militry Radios,
Cellular and Paging Amplifier Base
Stations, Broadcast FM/AM, MRI,
Laser Driver and others.
"Polyfet" process features
low feedback and output capacitances
resulting in high F transistors with high
input impedance and high efficiency.
TM
t
SILICON GATE ENHANCEMENT MODE
RF POWER
TRANSISTOR
VDMOS
Vgs = 0V, F = 1 MHz
28.0
Vds =
Vgs = 0V, F = 1 MHz
28.0
Vds =
Vgs = 0V, F = 1 MHz
28.0
REVISION 03/28/2001
20
25 C )
WATTS OUTPUT )


Similar Part No. - SP201

ManufacturerPart #DatasheetDescription
logo
Jinan Jing Heng Electro...
SP20100 JINGHENG-SP20100 Datasheet
511Kb / 3P
SCHOTTKY BARRIER RECTIFIER
logo
PACELEADER INDUSTRIAL
SP20100C PACELEADER-SP20100C Datasheet
491Kb / 2P
20.0A SCHOTTKY BARRIER RECTIFIERS -40V- 200V
logo
Shanghai Shunye Electro...
SP20100L SHUNYE-SP20100L Datasheet
1Mb / 3P
LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
V2.22
logo
SeCoS Halbleitertechnol...
SP20100R SECOS-SP20100R Datasheet
423Kb / 2P
20.0AMP Schottky Barrier Rectifiers
SP20100R SECOS-SP20100R Datasheet
685Kb / 2P
20.0AMP Schottky Barrier Rectifiers
More results

Similar Description - SP201

ManufacturerPart #DatasheetDescription
logo
Polyfet RF Devices
SC721 POLYFET-SC721 Datasheet
37Kb / 2P
SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR
SD703 POLYFET-SD703 Datasheet
37Kb / 2P
SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR
SH702 POLYFET-SH702 Datasheet
36Kb / 2P
SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR
SH703 POLYFET-SH703 Datasheet
37Kb / 2P
SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR
SK204 POLYFET-SK204 Datasheet
34Kb / 2P
SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR
SK701 POLYFET-SK701 Datasheet
36Kb / 2P
SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR
SK702 POLYFET-SK702 Datasheet
36Kb / 2P
SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR
SM706 POLYFET-SM706 Datasheet
37Kb / 2P
SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR
SM724 POLYFET-SM724 Datasheet
36Kb / 2P
SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR
SR746 POLYFET-SR746 Datasheet
37Kb / 2P
SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com