Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACST8-8C Datasheet(PDF) 5 Page - STMicroelectronics

Part # ACST8-8C
Description  OVER VOLTAGE PROTECTED AC POWER SWITCH
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACST8-8C Datasheet(HTML) 5 Page - STMicroelectronics

  ACST8-8C Datasheet HTML 1Page - STMicroelectronics ACST8-8C Datasheet HTML 2Page - STMicroelectronics ACST8-8C Datasheet HTML 3Page - STMicroelectronics ACST8-8C Datasheet HTML 4Page - STMicroelectronics ACST8-8C Datasheet HTML 5Page - STMicroelectronics ACST8-8C Datasheet HTML 6Page - STMicroelectronics ACST8-8C Datasheet HTML 7Page - STMicroelectronics ACST8-8C Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
ACST8-8C
5/8
The ACST8-8C switch is able to safely withstand the AC line transient voltages either by clamping the low
energy spikes or by breaking over under high energy shocks.
The test circuit in Figure A is representative of the ACST application and is used to test the ACST switch
according to the IEC61000-4-5 standard conditions. Thanks to the load impedance, the ACST switch with-
stands voltage spikes up to 2 kV above the peak line voltage by breaking over safely. Such non repetitive
testing can be done 10 times on each AC line voltage polarity.
AC LINE TRANSIENT VOLTAGE RUGGEDNESS
L
R
VAC +VPP
SURGE VOLTAGE
AC LINE & GENERATOR
G
COM
OUT
Fig. A: Overvoltage ruggedness test circuit for resistive and inductive loads
according to IEC61000-4-5 standardR=47
Ω,L=10µH&VPP = 2kV
0
1
2
3
4
5
6
7
8
9
10
11
01234
5678
IT(RMS)(A)
α=180°
P(W)
180°
α
α
Fig. 1: Maximum power dissipation versus RMS
on-state current.
0
1
2
3
4
5
6
7
8
9
0
25
50
75
100
125
Tc(°C)
α=180°
IT(RMS)(A)
Fig. 2-1: RMS on-state current versus case
temperature.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com