Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM3130 Datasheet(PDF) 13 Page - Ramtron International Corporation

Part # FM3130
Description  Integrated RTC/Alarm and 64Kb FRAM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM3130 Datasheet(HTML) 13 Page - Ramtron International Corporation

Back Button FM3130 Datasheet HTML 9Page - Ramtron International Corporation FM3130 Datasheet HTML 10Page - Ramtron International Corporation FM3130 Datasheet HTML 11Page - Ramtron International Corporation FM3130 Datasheet HTML 12Page - Ramtron International Corporation FM3130 Datasheet HTML 13Page - Ramtron International Corporation FM3130 Datasheet HTML 14Page - Ramtron International Corporation FM3130 Datasheet HTML 15Page - Ramtron International Corporation FM3130 Datasheet HTML 16Page - Ramtron International Corporation FM3130 Datasheet HTML 17Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
FM3130 Integrated RTC/Alarm with 64Kb FRAM
Rev. 1.0
Sept. 2006
Page 13 of 22
The FM3130 has two Slave Addresses (Slave IDs)
associated with two logical devices. To access the
memory device, bits 7-4 should be set to 1010b. The
other logical device within the FM3130 is the real-
time clock and alarm. To access this device, bits 7-4
of the slave address should be set to 1101b. A bus
transaction with this slave address will not affect the
memory in any way. The figures below illustrate the
two Slave Addresses.
Bits 3 through 1 of the Slave Address must be logic
0. Bit 0 is the read/write bit. A ‘1’ indicates a read
operation, and a ‘0’ indicates a write operation.
Figure 5. Slave Address – Memory
Figure 6. Slave Address – RTC
Addressing Overview – Memory
After the FM3130 acknowledges the Slave Address,
the master can place the memory address on the bus
for a write operation. The address requires two bytes.
The first is the MSB (upper byte). The first 3 unused
address bits are don’t cares, but should be set to ‘0’
to maintain upward compatibility. Following the
MSB is the LSB (lower byte) which contains the
remaining eight address bits. The address is latched
internally. Each access causes the latched address to
be incremented automatically. The current address is
the value that is held in the latch, either a newly
written value or the address following the last access.
The current address will be held as long as VDD is
greater than VSW or until a new value is written.
Accesses to the clock do not affect the current
memory address. Reads always use the current
address. A random read address can be loaded by
beginning a write operation as explained below.
After transmission of each data byte, just prior to the
Acknowledge, the FM3130 increments the internal
address. This allows the next sequential byte to be
accessed with no additional addressing externally.
After the last address is reached, the address latch
will roll over to 0000h. There is no limit to the
number of bytes that can be accessed with a single
read or write operation.
Addressing Overview – RTC/Alarm
The RTC/Alarm operates in a similar manner to the
memory, except that it uses only one byte of address.
Addresses 00h to 0Eh correspond to the RTC/Alarm
and control registers. Attempting to load addresses
above 0Eh is an illegal condition; the FM3130 will
return a NACK and abort the 2-wire transaction.
Data Transfer
After the address information has been transmitted,
data transfer between the bus master and the
FM3130 begins. For a read, the FM3130 will place 8
data bits on the bus then wait for an ACK from the
master. If the ACK occurs, the FM3130 will transfer
the next byte. If the ACK is not sent, the FM3130
will end the read operation. For a write operation, the
FM3130 will accept 8 data bits from the master then
send an Acknowledge. All data transfer occurs MSB
(most significant bit) first.
Memory Write Operation
All memory writes begin with a Slave Address, then
a memory address. The bus master indicates a write
operation by setting the slave address LSB to a ‘0’.
After addressing, the bus master sends each byte of
data to the memory and the memory generates an
Acknowledge condition. Any number of sequential
bytes may be written. If the end of the address range
is reached internally, the address counter will wrap
to 0000h. Internally, the actual memory write occurs
after the 8th data bit is transferred. It will be complete
before the Acknowledge is sent. Therefore, if the
user desires to abort a write without altering the
memory contents, this should be done using a Start
or Stop condition prior to the 8th data bit. The figures
below illustrate a single- and multiple-writes to
memory.
1
0
1
0
0
R/W
Slave ID
7
6
5
4
3
2
1
0
0
0
1
1
0
1
0
R/W
Slave ID
7
6
5
4
3
2
1
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com