Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G1962M Datasheet(PDF) 3 Page - EPCOS

Part # G1962M
Description  IF Filter for Intercarrier Applications 38,90 MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

G1962M Datasheet(HTML) 3 Page - EPCOS

  G1962M Datasheet HTML 1Page - EPCOS G1962M Datasheet HTML 2Page - EPCOS G1962M Datasheet HTML 3Page - EPCOS G1962M Datasheet HTML 4Page - EPCOS G1962M Datasheet HTML 5Page - EPCOS G1962M Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Mar 31, 2006
SAW Components
G 1962 M
38,90 MHz
IF Filter for Intercarrier Applications
Data Sheet
Characteristics
Reference temperature:
TA = 25 ˚C
Terminating source impedance:
ZS = 50 Ω
Terminating load impedance:
ZL = 2 kΩ || 3 pF
min.
typ.
max.
Insertion attenuation
α
Reference level for the
37,40 MHz
13,6
15,1
16,6
dB
following data
Relative attenuation
α
rel
Picture carrier
38,90 MHz
4,9
5,9
6,9
dB
Color carrier
34,47 MHz
1,3
2,3
3,3
dB
Sound carrier
33,40 MHz
18,9
19,9
20,9
dB
Adjacent picture carrier UHF
30,90 MHz
46,0
52,0
—
dB
Adjacent picture carrier VHF
31,90 MHz
48,0
54,0
—
dB
31,40 MHz
46,0
52,0
—
dB
32,40 MHz
48,0
56,0
—
dB
40,15 MHz
42,0
49,0
—
dB
Adjacent sound carrier VHF
40,40 MHz
46,0
58,0
—
dB
Adjacent sound carrier UHF
41,40 MHz
42,0
52,0
—
dB
Lower sidelobe
25,00
... 31,40 MHz
42,0
47,0
—
dB
Upper sidelobe
40,40
... 45,00 MHz
38,0
43,0
—
dB
Reflected wave signal suppression
1,3
µs ... 6,0 µs after main pulse
44,0
54,0
—
dB
(test pulse 250 ns,
carrier frequency 37,40 MHz)
Feedthrough signal suppression
1,3
µs ... 1,2 µs before main pulse
50,0
56,0
—
dB
(test pulse 250 ns,
carrier frequency 37,40 MHz)
Group delay predistortion
∆τ
(reference frequency 38,90 MHz)
36,90 MHz
—
–70
—
ns
34,47 MHz
—
30
—
ns
Impedance at 37,40 MHz
Input:
ZIN
=
RIN
||
CIN
—
2,2 ||13,3
—
k
Ω || pF
Output:
ZOUT = ROUT || COUT
—
1,4 || 4,7
—k
Ω || pF
Temperature coefficient of frequency
TCf
—
–72
—
ppm/K



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com