Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRG4PC30UPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRG4PC30UPBF
Description  INSULATED GATE BIPOLAR TRANSISTOR UltraFast Speed IGBT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG4PC30UPBF Datasheet(HTML) 1 Page - International Rectifier

  IRG4PC30UPBF Datasheet HTML 1Page - International Rectifier IRG4PC30UPBF Datasheet HTML 2Page - International Rectifier IRG4PC30UPBF Datasheet HTML 3Page - International Rectifier IRG4PC30UPBF Datasheet HTML 4Page - International Rectifier IRG4PC30UPBF Datasheet HTML 5Page - International Rectifier IRG4PC30UPBF Datasheet HTML 6Page - International Rectifier IRG4PC30UPBF Datasheet HTML 7Page - International Rectifier IRG4PC30UPBF Datasheet HTML 8Page - International Rectifier IRG4PC30UPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Parameter
Max.
Units
VCES
Collector-to-Emitter Breakdown Voltage
600
V
IC @ TC = 25°C
Continuous Collector Current
23
IC @ TC = 100°C
Continuous Collector Current
12
A
ICM
Pulsed Collector Current 
92
ILM
Clamped Inductive Load Current ‚
92
VGE
Gate-to-Emitter Voltage
± 20
V
EARV
Reverse Voltage Avalanche Energy ƒ
10
mJ
PD @ TC = 25°C
Maximum Power Dissipation
100
PD @ TC = 100°C
Maximum Power Dissipation
42
TJ
Operating Junction and
-55 to + 150
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (0.063 in. (1.6mm from case )
°C
Mounting torque, 6-32 or M3 screw.
10 lbf•in (1.1N•m)
IRG4PC30UPbF
UltraFast Speed IGBT
INSULATED GATE BIPOLAR TRANSISTOR
PD - 94923
E
C
G
n-channel
TO-247AC
Features
• UltraFast: Optimized for high operating
frequencies 8-40 kHz in hard switching, >200
kHz in resonant mode
• Generation 4 IGBT design provides tighter
parameter distribution and higher efficiency than
Generation 3
• Industry standard TO-247AC package
• Generation 4 IGBT's offer highest efficiency available
• IGBT's optimized for specified application conditions
• Designed to be a "drop-in" replacement for equivalent
industry-standard Generation 3 IR IGBT's
Benefits
VCES=600V
VCE(on) typ. = 1.95V
@VGE = 15V, IC = 12A
12/30/03
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
1.2
RθCS
Case-to-Sink, Flat, Greased Surface
0.24
–––
°C/W
RθJA
Junction-to-Ambient, typical socket mount
–––
40
Wt
Weight
6 (0.21)
–––
g (oz)
Thermal Resistance
Absolute Maximum Ratings
W
www.irf.com
1
• Lead-Free


Similar Part No. - IRG4PC30UPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4PC30UPBF IRF-IRG4PC30UPBF Datasheet
274Kb / 9P
INSULATED GATE BIPOLAR TRANSISTOR
IRG4PC30UPBF IRF-IRG4PC30UPBF_15 Datasheet
274Kb / 9P
INSULATED GATE BIPOLAR TRANSISTOR
More results

Similar Description - IRG4PC30UPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGMC50F IRF-IRGMC50F Datasheet
552Kb / 8P
INSULATED GATE BIPOLAR TRANSISTOR Fast Speed IGBT
IRG4PC40UPBF IRF-IRG4PC40UPBF Datasheet
633Kb / 8P
INSULATED GATE BIPOLAR TRANSISTOR UltraFast Speed IGBT
IRG4BC40UPBF IRF-IRG4BC40UPBF Datasheet
226Kb / 8P
INSULATED GATE BIPOLAR TRANSISTOR UltraFast Speed IGBT
IRG4PC60U-P IRF-IRG4PC60U-P Datasheet
123Kb / 8P
INSULATED GATE BIPOLAR TRANSISTOR UltraFast Speed IGBT
IRG4PC50UPBF IRF-IRG4PC50UPBF Datasheet
640Kb / 9P
INSULATED GATE BIPOLAR TRANSISTOR UltraFast Speed IGBT
IRG4BC30S-SPBF IRF-IRG4BC30S-SPBF Datasheet
212Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR Standard Speed IGBT
IRG4PC60U-PPBF IRF-IRG4PC60U-PPBF Datasheet
235Kb / 9P
INSULATED GATE BIPOLAR TRANSISTOR UltraFast Speed IGBT
IRG4PC60UPBF IRF-IRG4PC60UPBF Datasheet
236Kb / 9P
INSULATED GATE BIPOLAR TRANSISTOR UltraFast Speed IGBT
logo
Vishay Siliconix
VS-GA200SA60UP VISHAY-VS-GA200SA60UP Datasheet
153Kb / 8P
Insulated Gate Bipolar Transistor (Ultrafast Speed IGBT), 100 A
26-Oct-11
GA200SA60UP VISHAY-GA200SA60UP Datasheet
153Kb / 8P
Insulated Gate Bipolar Transistor (Ultrafast Speed IGBT), 100 A
26-Oct-11
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com