Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3101 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3101
Description  Secondary-Side PWM Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3101 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM3101 Datasheet HTML 2Page - National Semiconductor (TI) LM3101 Datasheet HTML 3Page - National Semiconductor (TI) LM3101 Datasheet HTML 4Page - National Semiconductor (TI) LM3101 Datasheet HTML 5Page - National Semiconductor (TI) LM3101 Datasheet HTML 6Page - National Semiconductor (TI) LM3101 Datasheet HTML 7Page - National Semiconductor (TI) LM3101 Datasheet HTML 8Page - National Semiconductor (TI) LM3101 Datasheet HTML 9Page - National Semiconductor (TI) LM3101 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Typical Performance Characteristics (Continued)
Step Response
Error Amplifier
Frequency Response
Open Loop
Error Amplifier
TLH11436 – 4
Pin-by-Pin Description
Pin
Symbol
Function
Description
1RT
Frequency Setting
Connecting a resistor RT between this pin and ground programs the frequency
Resistor
from 50 kHz to 1 MHzby the following equation
RT e 025(FO  20  10b12)
F Hz X
RT also sets the internal bias current which affects the operation of several sub-
circuits within the IC
2
MC
Mode Control
For voltage mode operation connect a resistor RMC from this pin to the supply
voltage For current mode operation this pin is tied to ground via resistor RMC A
current is sourced from the pin through the resistor such that it sets the slope of the
compensating ramp ICOMP according to the equation
D
ICOMP DT e 24  103 (RT  RMC)
m
A ms X
3
SFST
Soft-Start Control
A series resistor-capacitor network tied from this pin to ground provides Soft-Start
capability The current charging the capacitor is
ISFST e 045RT
A V X
Leave this pin open if it is not used
4
SYNC
Synchronization
An external negative pulse fed to this input will synchronize the internal oscillator
Signal Input
The frequency range of the external signal should be between 11 to 15 times the
free-running frequency Connect this pin to ground if it is not used
5RSC
Short Circuit Frequency
A resistor RSC connected from this pin to the regulator output determines the
Shift Control
oscillator frequency during a short circuit by the formula
RSC e 009 (0267RT)-FSC  20 b12
F Hz X
or alternately
FSC e (120  10b12)  (0267RT) - (009RSC)
F Hz X
The recommended minimum ratio of short circuit frequency to oscillator frequency is
one-third (nominal)
6
CMI
Current Mode Input
An analog voltage signal proportional to the transformer primary current fed to this
input results in current mode operation Connect this pin directly to ground if
selecting voltage mode operation
7
GND
Ground
Ground
8VOUT
Output
Output pin It produces a PWM pulse train that is fed back to the primary side of the
regulator via a pulse transformer
9VS
Supply Voltage
Supply voltage
10
CD
Crowbar Output
This pin delivers a current when an overvoltage condition occurs on the output It can
Driver
be used to fire an external SCR to crowbar the output Leave the pin open if not
used
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com