Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP58C20 Datasheet(PDF) 13 Page - Texas Instruments

Part # MSP58C20
Description  AUDIO-BAND CONVERTER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP58C20 Datasheet(HTML) 13 Page - Texas Instruments

Back Button MSP58C20 Datasheet HTML 9Page - Texas Instruments MSP58C20 Datasheet HTML 10Page - Texas Instruments MSP58C20 Datasheet HTML 11Page - Texas Instruments MSP58C20 Datasheet HTML 12Page - Texas Instruments MSP58C20 Datasheet HTML 13Page - Texas Instruments MSP58C20 Datasheet HTML 14Page - Texas Instruments MSP58C20 Datasheet HTML 15Page - Texas Instruments MSP58C20 Datasheet HTML 16Page - Texas Instruments MSP58C20 Datasheet HTML 17Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
02
4
6
8
10
Input Sine-Wave Frequency – kHz
RECEIVE GAIN VARIATIONS
vs
INPUT SINE-WAVE FREQUENCY
12
14
16
18
–14
–12
–10
–8
–6
–4
–2
0
2
4
02
4
6
8
10
RECEIVE GAIN VARIATIONS
vs
INPUT SINE-WAVE FREQUENCY
12
14
16
18
–14
–12
–10
–8
–6
–4
–2
0
2
4
Minimum
Maximum
VDD = 4.75 V
TA = 25°C
G
A
B
C
D
E
F
H
I
MSP58C20
AUDIO-BAND CONVERTER
SPSS015B – DECEMBER 1993 – REVISED JULY 1996
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
MAXIMUM AND MINIMUM CHARACTERISTICS
SET OF
POINTS
MIN
MAX
A
(0.156, – 0.6)
(0.156, 0.6)
B
(4, – 0.6)
(4, 0.6)
C
(4.6875, – 0.7)
(4.6875, – 0.4)
D
(6.25, – 1.75)
(6.25, – 1.4)
E
(7.8125, – 3.35)
(7.8125, – 2.9)
F
(9.375, – 5.25)
(9.375, – 4.8)
G
(10.9375, – 7.25)
(10.9375, – 6.8)
H
(12.5, – 9.2)
(12.5, – 8.7)
I
(15.625, – 12.8)
(15.625, – 12.2)
Figure 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com