Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

569990 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 569990
Description  Supply plate
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

569990 Datasheet(HTML) 1 Page - Festo Corporation.

  569990 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Supply plate
VABF-L1-10A-P3A4-M5
Part number: 569990
General operating condition
Data sheet
Feature
Value
Corrosion resistance class (CRC)
2 - Moderate corrosion stress
LABS (PWIS) conformity
VDMA24364-B1/B2-L
Product weight
16.5 g
Note on materials
RoHS-compliant
Seals material
NBR
Plate material
Wrought aluminum alloy
Material of screws
Steel
12/23/24 - Subject to change - Festo SE & Co. KG
1/1


Similar Part No. - 569990

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
569991 FESTO-569991 Datasheet
100Kb / 1P
Supply plate
569992 FESTO-569992 Datasheet
101Kb / 1P
Supply plate
569993 FESTO-569993 Datasheet
98Kb / 1P
Supply plate
569994 FESTO-569994 Datasheet
102Kb / 1P
Separator
569995 FESTO-569995 Datasheet
103Kb / 1P
Separator
More results

Similar Description - 569990

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
560955 FESTO-560955 Datasheet
67Kb / 1P
Plate
8/4/22
576491 FESTO-576491 Datasheet
92Kb / 1P
Supply plate
8/8/22
576492 FESTO-576492 Datasheet
82Kb / 1P
Supply plate
8/8/22
576493 FESTO-576493 Datasheet
86Kb / 1P
Supply plate
8/8/22
8026317 FESTO-8026317 Datasheet
91Kb / 1P
Supply plate
8/8/22
8026318 FESTO-8026318 Datasheet
82Kb / 1P
Supply plate
8/8/22
8026319 FESTO-8026319 Datasheet
85Kb / 1P
Supply plate
8/8/22
8026433 FESTO-8026433 Datasheet
91Kb / 1P
Supply plate
8/8/22
8026434 FESTO-8026434 Datasheet
83Kb / 1P
Supply plate
8/8/22
8026435 FESTO-8026435 Datasheet
85Kb / 1P
Supply plate
8/8/22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com