Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

990 Datasheet(PDF) 4 Page - Anderson Power Products, Inc.

Part # 990
Description  SB® 50 Connectors Up to 120 amps
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APP [Anderson Power Products, Inc.]
Direct Link  https://www.andersonpower.com/
Logo APP - Anderson Power Products, Inc.

990 Datasheet(HTML) 4 Page - Anderson Power Products, Inc.

  990 Datasheet HTML 1Page - Anderson Power Products, Inc. 990 Datasheet HTML 2Page - Anderson Power Products, Inc. 990 Datasheet HTML 3Page - Anderson Power Products, Inc. 990 Datasheet HTML 4Page - Anderson Power Products, Inc. 990 Datasheet HTML 5Page - Anderson Power Products, Inc. 990 Datasheet HTML 6Page - Anderson Power Products, Inc. 990 Datasheet HTML 7Page - Anderson Power Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SB® 50 CONNECTOR SPECIFICATIONS
ELECTRICAL
Current Rating Amperes ¹
UL 1977 CSA
Wire-to-Wire UL 1977 (6 AWG)
120
50
Wire-to-PCB UL 1977 (6 AWG)
50
Voltage Rating AC/DC
UL 1977
600
PCB Connector Recommended Voltage per IEC
60950-1 Table 2L Pollution Degree 2
Mini Vert. Contact
522
Mini Horiz. Contact
504
Standard Contact
950
Dielectric Withstanding Voltage
Volts AC
2,200
Avg. Mated Contact Resistance Milliohms ¹
1 1/4” of 6 AWG wire
0.200
PCB Contact to Wire
0.500
UL Hot Plug Current Rating Amperes - 250 Cycles at
120V DC
Wire-to-Wire
50A
PCB-to-Wire
(Vertical Mini Powerclaw)
40A
MECHANICAL
Wire Size Range
AWG
mm²
Wire Contacts with Bushings
16 to 6
1.3 to 13.3
Max. Wire Insulation Diameter
in.
mm
0.440
11.200
Operating Temperature ²
°F
°C
Standard
-4° to 221°
-20° to 105°
Chemical Resistant*
-40 to 221°
-40° to 105°
*Chemical resistant material not available for PCB guide housings
Mating Cycles No Load by Plating
Silver (Ag)
Tin (Sn)
Wire and PCB Contacts
10,000
1,500
Avg. Mating / Unmating Force
Lbf.
N
Wire-to-Wire Low Force Contacts
10
44
Wire-to-Wire High Force Contacts
15
67
Standard Powerclaw-to-Wire
15
66
Mini Powerclaw-to-Wire
8
36
PCB Specifications
Mounting Style
Plated Through Hole
Max PCB Thickness- in. (mm)
Standard: 0.15 (0.381)
Mini: 0.25 (6.35)
Recommended Traces
8 AWG Cross Section
Min. Contact / Spring
Retention Force
Lbf.
N
Wire Housing
50
222
Min. Creepage /
Clearance Distance
in.
mm
Standard Powerclaw
0.374
9.5
Mini Vert. Powerclaw
0.213
5.4
Mini Horz. Powerclaw
0.205
5.2
Mechanical Shock 4
MIL-STD-202
213 Condition A
50g’s
Vibration High Frequency4
MIL-STD-202
204 Condition A
10g’s
MATERIALS
Housing
Standard Plastic Resin
Polycarbonate
Chem. Resistant Resin
Polycarbonate / PBT blend
Contact Retention Spring
Stainless Steel
Housing Flammability Rating
UL94
V-0
Glow Wire
960°C (GWFI) / 800°C (GWIT)
Contact
Base
Copper Alloy
Wire Plating
Silver
PCB Plating
Sn or Ag over Ni
Contact Termination Methods
Crimp ³
Wire Contacts
Hand Solder
Wire and PCB Contacts
Solder Dip
PCB Contacts
Wave Solder
PCB Contacts
Wrench / Socket
Busbar Contacts
NOTE 1: See IEC 60664-1 for working voltage.
NOTE 2: Amp ratings are stated per position and based on all positions being fully loaded.
1 - Based on: 105°C rated or better cable of the largest size. Properly calibrated Anderson Power™ recommended tooling, and a 25°C ambient
temperature. UL rating not to exceed the maximum operating temperature. CSA rating below a 30°C temperature rise.
2 - Limited by the thermal properties of the connector plastic housing.
3 - Use Anderson Power™ recommended tooling only. Alternate tools may adversely affect the performance of our connectors along with UL and CSA
recognition.
4 - Tested with contact part number 5900.
* UL Rated for 65°C largest wire or cable size.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com