Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2-2WI-600 Datasheet(PDF) 1 Page - Power Semiconductors

Part # 2-2WI-600
Description  WATER COOLED A.C. SWITCH
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POSEICO [Power Semiconductors]
Direct Link  http://www.poseico.com
Logo POSEICO - Power Semiconductors

2-2WI-600 Datasheet(HTML) 1 Page - Power Semiconductors

  2-2WI-600 Datasheet HTML 1Page - Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
WATER COOLED A.C. SWITCH
2-2WI-600
Repetitive voltage up to
V
Maximum continuous RMS current
730 A
Surge current
5.6 kA
FINAL SPECIFICATION
giu 02 - ISSUE : 01
Symbol
Characteristic
Conditions
Tj
[°C]
Value
Unit
BLOCKING
VDRM/VRRM
Repetitive peak voltage
125
1600
V
VDSM/VRSM
Non-repetitive peak voltage
125
1700
V
IDRM/IRRM
Repetitive peak current
125
30
mA
CONDUCTING
I T(RMS)
Maximum continuous RMS current
50 Hz, Q = 4 l/min, water temperature = 40°C
730
A
I TSM
Surge on-state current
125
5.6
kA
I² t
I² t
157 x1E3
A²s
V TM
Max peak on-state voltage
ITM = 1032 A
125
1.70
V
V T(TO)
Threshold voltage
125
1.00
V
r T
On-state slope resistance
125
0.680
mΩ
SWITCHING
di/dt
Critical rate of rise of on-state current, min.
From 75% VDRM up to 1650 A, gate 10 V - 5 Ω
125
200
A/µs
dv/dt
Critical rate of rise of off-state voltage, min.
Linear ramp up to 70% of VDRM
125
500
V/µs
GATE
V GT
Gate trigger voltage
VD=5 V
25
3.5
V
I GT
Gate trigger current
VD=5 V
25
200
mA
P GM
Max peak gate power
Pulse width 100 µs
25
75
W
MECHANICAL
R th(j-w)
Thermal impedence, DC
Junction to water (double side cooled)
0.25
°C/W
V ins(RMS)
Insulation voltage rms
1 min
25
2.5
kV
Press
Max water pressure
10
bar
Tj max
Max operating junction temperature
125
°C
Weight
5050
g
Thermal switch open 63°C, cloused 50°C. 10 A - 250 V
OUTLINE
W0
DEVICES TYPE: AT505
A98
B70
ORDERING INFORMATION : 2-2WI-600 S 16
standard specification
VDRM&VRRM/100
1600
Max peak one cycle sine wave, 10 ms.
Without reverse voltage reapplied
POSEICO SPA
POwer SEmiconductors Italian COrporation
POSEICO
POSEICO SPA
Via N. Lorenzi 8, 16152 Genova - ITALY
Tel. ++ 39 010 6556234 - Fax ++ 39 010 6557519
Sales Office:
Tel. ++ 39 010 6556775 - Fax ++ 39 010 6442510
G2
K2
G1
K1
SCR 1
SCR 2
50
15
122
70
222
Ø1
2.5
A
B
M16 x 1.5


Similar Part No. - 2-2WI-600

ManufacturerPart #DatasheetDescription
logo
Power Semiconductors
2-2WI-1000 POSEICO-2-2WI-1000 Datasheet
108Kb / 1P
WATER COOLED A.C. SWITCH
2-2WI-1000S16 POSEICO-2-2WI-1000S16 Datasheet
108Kb / 1P
WATER COOLED A.C. SWITCH
2-2WI-1200 POSEICO-2-2WI-1200 Datasheet
108Kb / 1P
WATER COOLED A.C. SWITCH
2-2WI-1200S16 POSEICO-2-2WI-1200S16 Datasheet
108Kb / 1P
WATER COOLED A.C. SWITCH
More results

Similar Description - 2-2WI-600

ManufacturerPart #DatasheetDescription
logo
Power Semiconductors
2-2W5-PI POSEICO-2-2W5-PI Datasheet
109Kb / 1P
WATER COOLED A.C. SWITCH
2-2W5I-AT1004 POSEICO-2-2W5I-AT1004 Datasheet
110Kb / 1P
WATER COOLED A.C. SWITCH
2-2W5I-AT505 POSEICO-2-2W5I-AT505 Datasheet
110Kb / 1P
WATER COOLED A.C. SWITCH
2-2W5I-AT603 POSEICO-2-2W5I-AT603 Datasheet
111Kb / 1P
WATER COOLED A.C. SWITCH
2-2W5I-AT636 POSEICO-2-2W5I-AT636 Datasheet
111Kb / 1P
WATER COOLED A.C. SWITCH
2-2W5I-AT804 POSEICO-2-2W5I-AT804 Datasheet
111Kb / 1P
WATER COOLED A.C. SWITCH
2-2WI-1000 POSEICO-2-2WI-1000 Datasheet
108Kb / 1P
WATER COOLED A.C. SWITCH
2-2WI-1200 POSEICO-2-2WI-1200 Datasheet
108Kb / 1P
WATER COOLED A.C. SWITCH
logo
Insel Rectifier India P...
2XDCR604SE IRI-2XDCR604SE Datasheet
2Mb / 4P
AC SWITCH(WATER COOLED)
2XDCR1278SD IRI-2XDCR1278SD Datasheet
2Mb / 5P
AC SWITCH(WATER COOLED)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com