Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC374CPWRG4 Datasheet(PDF) 12 Page - Texas Instruments

Part # TLC374CPWRG4
Description  LinCMOS QUADRUPLE DIFFERENTIAL COMPARATORS
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC374CPWRG4 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TLC374CPWRG4 Datasheet HTML 8Page - Texas Instruments TLC374CPWRG4 Datasheet HTML 9Page - Texas Instruments TLC374CPWRG4 Datasheet HTML 10Page - Texas Instruments TLC374CPWRG4 Datasheet HTML 11Page - Texas Instruments TLC374CPWRG4 Datasheet HTML 12Page - Texas Instruments TLC374CPWRG4 Datasheet HTML 13Page - Texas Instruments TLC374CPWRG4 Datasheet HTML 14Page - Texas Instruments TLC374CPWRG4 Datasheet HTML 15Page - Texas Instruments TLC374CPWRG4 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
TLC374, TLC374Q, TLC374Y
LinCMOS
 QUADRUPLE DIFFERENTIAL COMPARATORS
SLCS118C – NOVEMBER 1983 – REVISED MARCH 1999
12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
Figure 5
3
2
1
0
4
5
6
7
8
INPUT CURRENT
vs
INPUT VOLTAGE†
VI – Input Voltage – V
VDD
VDD +4
VDD +8
VDD +12
TA = 25°C
† The dashed line identifies an area of operation where some
degradation of parametric performance may be experienced.
Figure 6
3
2
1
0
4
5
6
7
8
INPUT CURRENT
vs
INPUT VOLTAGE†
VI – Input Voltage – V
VDD– 0.3
VDD – 0.5
VDD – 0.7
VDD – 0.9
TA = 25°C
9
10
† The dashed line identifies an area of operation where some
degradation of parametric performance may be experienced.
See Note A
5 mA
+
–
RL
VDD
1/4
TLC374
RL
VREF
VI
+VI – VDD – 0.3 V
RI =
Positive Voltage Input Current Limit:
5 mA
–VI – VDD – (0.3 V)
RI =
Negative Voltage Input Current Limit:
NOTE A: If the correct output state is required when the negative input exceeds VSS, a Schotty clamp is required.
Figure 7. Typical Input Current-Limiting Configuration for a LinCMOS Comparator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com