Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC374MFKB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLC374MFKB
Description  LinCMOS QUADRUPLE DIFFERENTIAL COMPARATORS
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC374MFKB Datasheet(HTML) 1 Page - Texas Instruments

  TLC374MFKB Datasheet HTML 1Page - Texas Instruments TLC374MFKB Datasheet HTML 2Page - Texas Instruments TLC374MFKB Datasheet HTML 3Page - Texas Instruments TLC374MFKB Datasheet HTML 4Page - Texas Instruments TLC374MFKB Datasheet HTML 5Page - Texas Instruments TLC374MFKB Datasheet HTML 6Page - Texas Instruments TLC374MFKB Datasheet HTML 7Page - Texas Instruments TLC374MFKB Datasheet HTML 8Page - Texas Instruments TLC374MFKB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1OUT
2OUT
VDD
2IN –
2IN +
1IN –
1IN +
3OUT
4OUT
GND
4IN +
4IN –
3IN +
3IN –
D, J, N, OR PW PACKAGE
(TOP VIEW)
3
2
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
GND
NC
4IN +
NC
4IN –
VDD
NC
2IN –
NC
2IN +
FK PACKAGE
(TOP VIEW)
NC – No internal connection
symbol (each comparator)
IN +
IN –
OUT
TLC374, TLC374Q, TLC374Y
LinCMOS
 QUADRUPLE DIFFERENTIAL COMPARATORS
SLCS118C – NOVEMBER 1983 – REVISED MARCH 1999
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Single- or Dual-Supply Operation
D Wide Range of Supply Voltages
2 V to 18 V
D Very Low Supply Current Drain 0.3 mA Typ
at 5 V
D Fast Response Time . . . 200 ns Typ for
TTL-Level Input Step
D Built-In ESD Protection
D High Input Impedance . . . 1012 Ω Typ
D Extremely Low Input Bias Current 5 pA Typ
D Ultrastable Low Input Offset Voltage
D Input Offset Voltage Change at Worst-Case
Input Conditions Typically 0.23
µV/Month,
Including the First 30 Days
D Common-Mode Input Voltage Range
Includes Ground
D Outputs Compatible With TTL, MOS, and
CMOS
D Pin-Compatible With LM339
description
These quadruple differential comparators are
fabricated using LinCMOS
 technology and
consist of four independent voltage comparators
designed to operate from a single power supply.
Operation from dual supplies is also possible if the
difference between the two supplies is 2 V to 18 V.
Each device features extremely high input
impedance (typically greater than 1012
Ω),
allowing direct interfacing with high-impedance
sources. The outputs are n-channel open-drain
configurations and can be connected to achieve
positive-logic wired-AND relationships.
The TLC374 has internal electrostatic discharge (ESD) protection circuits and has been classified with a 1000-V
ESD rating using human body model testing. However, care should be exercised in handling this device as
exposure to ESD may result in degradation of the device parametric performance.
The TLC374C is characterized for operation from 0
°C to 70°C. The TLC374I is characterized for operation from
–40
° to 85°C. The TLC374M is characterized for operation over full military temperature range of
–55
°C to 125°C. The TLC374Q is characterized for operation from –40°C to 125°C.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright
 1999, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
LinCMOS is a trademark of Texas Instruments Incorporated.


Similar Part No. - TLC374MFKB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC374MFKB TI1-TLC374MFKB Datasheet
969Kb / 26P
LinCMOS QUADRUPLE DIFFERENTIAL COMPARATORS
TLC374MFKB TI-TLC374MFKB Datasheet
1Mb / 28P
LinCMOS QUADRUPLE DIFFERENTIAL COMPARATORS
More results

Similar Description - TLC374MFKB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC354 TI-TLC354 Datasheet
183Kb / 11P
LinCMOSE QUADRUPLE DIFFERENTIAL COMPARATORS
TLV2354 TI-TLV2354 Datasheet
300Kb / 20P
LinCMOSE QUADRUPLE LOW-VOLTAGE DIFFERENTIAL COMPARATORS
logo
Linear Dimensions Semic...
LND339 LINEAR_DIMENSIONS-LND339 Datasheet
124Kb / 5P
Quadruple Differential Comparators
logo
Texas Instruments
TLC372-EP TI1-TLC372-EP Datasheet
550Kb / 17P
LinCMOS??DUAL DIFFERENTIAL COMPARATORS
TLC372-EP TI1-TLC372-EP_14 Datasheet
770Kb / 18P
LinCMOS??DUAL DIFFERENTIAL COMPARATORS
TLC354 TI1-TLC354_14 Datasheet
634Kb / 18P
LinCMOSE QUADRUPLE DIFFERENTIAL COMPARATORS
TLC374 TI1-TLC374_15 Datasheet
969Kb / 26P
LinCMOS QUADRUPLE DIFFERENTIAL COMPARATORS
TLV2354 TI1-TLV2354_14 Datasheet
787Kb / 19P
LinCMOSE QUADRUPLE LOW-VOLTAGE DIFFERENTIAL COMPARATORS
TLC372 TI-TLC372_V01 Datasheet
1Mb / 29P
LinCMOS DUAL DIFFERENTIAL COMPARATORS
TLC374 TI-TLC374_V01 Datasheet
1Mb / 28P
LinCMOS QUADRUPLE DIFFERENTIAL COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com