Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6401EH01ML Datasheet(PDF) 3 Page - Torex Semiconductor

Part # XC6401EH01ML
Description  Dual LDO Regulators, Low ESR Cap. Compatible
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6401EH01ML Datasheet(HTML) 3 Page - Torex Semiconductor

  XC6401EH01ML Datasheet HTML 1Page - Torex Semiconductor XC6401EH01ML Datasheet HTML 2Page - Torex Semiconductor XC6401EH01ML Datasheet HTML 3Page - Torex Semiconductor XC6401EH01ML Datasheet HTML 4Page - Torex Semiconductor XC6401EH01ML Datasheet HTML 5Page - Torex Semiconductor XC6401EH01ML Datasheet HTML 6Page - Torex Semiconductor XC6401EH01ML Datasheet HTML 7Page - Torex Semiconductor XC6401EH01ML Datasheet HTML 8Page - Torex Semiconductor XC6401EH01ML Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
3/24
XC6401
Series
PARAMETER
SYMBOL
RATINGS
UNITS
Input Voltage
VIN
6.5
V
Output Current
IOUT1 + IOUT2
700
mA
Output Voltage
VOUT
VSS -0.3 ~ VIN +0.3
V
EN Pin Voltage
VEN
VSS -0.3 ~ 6.5
V
SOT-26W
250
USP-6B
100
Power Dissipation
USP-6C
Pd
100
mW
Operating Temperature Range
Topr
-40 ~ +85
℃
Storage Temperature Range
Tstg
-55 ~ +125
℃
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS CIRCUIT
Output Voltage (*3)
VOUT (E)
VIN=VOUT (T) + 1.0V IOUT=30mA
0.98
VOUT(T)
1.02
V
1
Maximum Output Current
IOUTMAX
VIN=VOUT (T) + 1.0V
150
-
-
mA
1
Load Regulation
△
VOUT
1mA≦IOUT≦100mA
-
15
60
mV
1
Vdif1
IOUT=30mA
E-1
mV
Dropout Voltage
Vdif2
IOUT=100mA
E-2
mV
1
Supply Current
ISS
VIN=VEN=VOUT (T) + 1.0V,
IOUT=0mA
-
25
45
μ
A
2
Standby Current
ISTB
VIN=VOUT (T) + 1.0V, VEN=VSS
-
0.01
0.10
μ
A
3
△
VOUT
VOUT(T)+1.0V≦VIN≦6.0V
Line Regulation (*7)
△
VIN ・ VOUT
VEN=VIN, IOUT=30mA
-
0.01
0.20
% / V
1
Input Voltage
VIN
1.5
-
6.0
V
-
Output Voltage
△
VOUT
IOUT=30mA
Temperature Characteristics △Topr ・ VOUT
-40℃≦Topr≦85℃
-
±100
-
ppm/℃
1
Ripple Rejection Rate(*8)
PSRR
VIN=[VOUT(T)+1.0]VDC+0.5Vp-pAC
IOUT=30mA, f=1kHz
-
70
-
dB
5
Current Limiter
Ilim
VIN=VOUT (T) + 1.0V, VEN=VIN
-
300
-
mA
1
Short-Circuit Current
Ishort
VIN=VOUT (T) + 1.0V, VEN=VIN
-
30
-
mA
1
EN "High" Voltage
VENH
1.30
-
6.0
V
4
EN "Low" Voltage
VENL
-
-
0.25
V
4
EN "High" Current
IENH
VIN=VEN=VOUT (T) + 1.0V
-0.10
-
0.10
μ
A
4
EN "Low" Current
IENL
VIN= VOUT (T) + 1.0V, VEN=VSS
-0.10
-
0.10
μ
A
4
■
ABSOLUTE MAXIMUM RATINGS
Ta = 25℃
■
ELECTRICAL CHARACTERISTICS
Regulator 1, Regulator 2
NOTE *1: VOUT(T)=Specified output voltage
*2: VOUT(E)=Effective output voltage
(I.e. the output voltage when "VOUT(T)+1.0V" is provided at the VIN pin while maintaining a certain IOUT value).
*3: If VOUT (T)≦1.45V, MIN VOUT (T) - 30mV, MAX VOUT (T) + 30mV
*4: Vdif={VIN1
(*6)-VOUT1(*5)}
*5: VOUT1=A voltage equal to 98% of the output voltage whenever an amply stabilized IOUT {VOUT(T)+1.0V} is input.
*6: VIN1=the input voltage when VOUT1 appears as input voltage is gradually decreased.
*7: When VOUT(T)>4.5V, 5.5V<VIN<6.0V
*8: When VOUT(T)>4.8V, VIN=5.75VDC+0.5Vp-pAC
*9: Unless otherwise stated, VIN=VOUT(T)+1.0V
XC6401FFxx
Ta=25℃
* Sum of IOUT1 and IOUT2.
** Pd=(VIN-VOUT1)xIOUT1+(VIN-VOUT2)xIOUT2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com