Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PRSC48X Datasheet(PDF) 1 Page - Applied Micro Circuits Corporation

Part # PRSC48X
Description  Switch Fabric
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PRSC48X Datasheet(HTML) 1 Page - Applied Micro Circuits Corporation

  PRSC48X Datasheet HTML 1Page - Applied Micro Circuits Corporation PRSC48X Datasheet HTML 2Page - Applied Micro Circuits Corporation PRSC48X Datasheet HTML 3Page - Applied Micro Circuits Corporation PRSC48X Datasheet HTML 4Page - Applied Micro Circuits Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Empowering Intelligent Optical Networks
–
Highlight s –
Product Brief
PRS 80G, PRS C48X, and PRS C192X
Switch Fabric
PB PRS / v0.6 / 2-10-2006
Empowering Intelligent Networks
1
Switch Fabric Solution with Carrier
Class QoS Features for
Applications up to 80 Gbps
The AMCC PRS 80G is a switch device for
systems in the range of 20-to-80 Gbps of
aggregate user bandwidth. The PRS 80G is a
cell switch, shared-memory device, which
provides 80 Gbps of switching capacity. It uses
.13-micron technology and embedded
3.2-Gbps SerDes to deliver 40 Gbps (one
device) or 80 Gbps (two devices) of user
bandwidth with an overspeed factor of two.
Along with the AMCC PRS C48X and
PRS C192X fabric interface devices, the
PRS 80G addresses the critical QoS needs of
a wide range of highly demanding applications
that handle any mix of real-time and best effort
traffic in the WAN multi-services, Wireless
Infrastructure, Metro Ethernet, Enterprise, and
TDM spaces. The PRS 80G provides low
latency, carrier class QoS and full bandwidth
multicast to efficiently handle real-time traffic
(including TDM) and enable convergence of
voice, video, and data traffic over a single
network infrastructure. It fits the requirements
of the new carrier services, while leveraging
previous carrier investments by providing the
capability to switch IP and TDM traffic
concurrently on the same platform.
The PRS 80G is an integral part of a complete
system solution with AMCC's nP37xx
integrated network processor and traffic
manager products, framers, PHYs, PowerPC
processors, and software. To facilitate the
evaluation and prototyping of complete
solutions, AMCC also offers an 80-Gbps
reference switch board, as well as ATCA
Switch boards, featuring the AMCC PRS 80G.
RoHS Compliance to Enable Lead
Free Designs
The PRS 80G switch device and the
PRS C48X and PRS C192X fabric interface
devices are all available in two versions: the
leaded version, for lead soldering process, and
the version complying with the directive on the
Restriction of the use of certain Hazardous
Substances (RoHS) and enabling lead free
soldering.
PRS 80G Switch Device, PRS C48X
and PRS C192X Fabric Interface
Devices
The PRS 80G device performs the switch core
function, in configurations of one or two
devices, depending on the switching capacity
needs. The PRS C48X and PRS C192X
devices perform the queuing manager function
of the PRS 80G-based switches. An adapter
card can be equipped with either a PRS C48X
interfacing a 2.5-Gbps / OC-48 network
processor or a PRS C192X interfacing a
10-Gbps / OC-192 network processor or up to
four 2.5-Gbps / OC-48 network processors.
Scalability and Multiple Port
Speeds
The PRS 80G switch, in conjunction with the
PRS C48X and PRS C192X fabric interface
devices, provides 40 Gbps (one device) or
80 Gbps (two devices) of full-duplex aggregate
user bandwidth with an overspeed factor
per-port of two to match wire-speed
requirements for all possible traffic patterns,
with all line protocols.
The PRS 80G enables the design of switch
fabrics with up to 32 ports for network
processors that support OC-48c and multi-GE
applications, or up to eight ports for network
processors that support OC-192c, 10-Gbps,
and multi-GE applications, or any intermediate
mix of those ports.
QoS Enforcement at Media Speed
The PRS 80G enables full bandwidth
utilization of the media connected to the
payload boards, and still maintains high QoS
performance:
• End-to-end flow control mechanisms
through the switch fabric, and
programmable flow control thresholds
(including multicast), enabling 100%
utilization of the media bandwidth while
maintaining low jitter
• Natively multicast switching technology,
enabling full bandwidth multicast while
maintaining low switching delay
QoS Enforcement at Media
Speed, Real-Time Traffic Sup-
port, Full Bandwidth Multicast
• Non-blocking, shared-memory switch
fabric chip set: PRS 80G Cell Switch
device providing 80 Gbps of
aggregate switching capacity,
PRS C48X and PRS C192X fabric
interface devices (queue managers)
• Full chip set (PRS 80G, PRS C48X,
and PRS C192X) available in RoHS
compliant version for lead free
designs
• 40 Gbps or 80 Gbps of full-duplex
aggregate user bandwidth with a
per-port overspeed factor of two
• QoS enforcement at media speed
• Real-time traffic support (guaranteed
precedence of time-sensitive traffic
over other traffic types)
• Multicast and broadcast full bandwidth
support (100% line utilization) while
preserving low switching delay
• Deterministic low latency, typically a
few microseconds for high priority
traffic under worst case conditions
(100% traffic load)
• Traffic scheduling QoS options: strict
priority scheduling, weighted round-
robin, exhaustive highest priority first
• End-to-end, in-band flow control
mechanisms through the switch fabric
• Redundant switch board operations:
hot standby mode, load sharing mode,
maintenance switchover (cell
lossless)
• AMCC SSC software for
configuration, monitoring, and control
of the switch board and AMCC
SWICC software, a PC tool for local/
remote testing (traffic generation,
digital eye, and so on)
• Evaluation switch boards, including
ATCA Switch boards, featuring the
AMCC PRS 80G
• System solution with AMCC's nP37xx,
framers, PHYs, and PowerPC
processors, and interoperability with
third-party network processor devices


Similar Part No. - PRSC48X

ManufacturerPart #DatasheetDescription
logo
Applied Micro Circuits ...
PRSC48X AMCC-PRSC48X Datasheet
368Kb / 4P
Switch Fabric
More results

Similar Description - PRSC48X

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM9311 PMC-PM9311 Datasheet
42Kb / 2P
Enhanced TT1TM Switch Fabric
PM9311 PMC-PM9311 Datasheet
5Mb / 343P
ENHANCED TT1??SWITCH FABRIC
logo
Broadcom Corporation.
BCM5670 BOARDCOM-BCM5670_1 Datasheet
129Kb / 2P
8-PORT, 160 Gbps SWITCH FABRIC
logo
Applied Micro Circuits ...
PRS5G AMCC-PRS5G Datasheet
276Kb / 4P
Switch Fabric
PRS16G AMCC-PRS16G Datasheet
344Kb / 3P
Switch Fabric
PRSQ-80G AMCC-PRSQ-80G Datasheet
368Kb / 4P
Switch Fabric
logo
OPLINK Communications I...
COSF OPLINK-COSF Datasheet
341Kb / 3P
Custom Optical Switch Fabric
logo
PMC-Sierra, Inc
PM9311-1 PMC-PM9311-1 Datasheet
43Kb / 2P
Enhanced TT1TM Switch Fabric
logo
Renesas Technology Corp
89TSF552 RENESAS-89TSF552 Datasheet
955Kb / 39P
Switch Fabric Data Sheet
June 17, 2005
89TSF500 RENESAS-89TSF500 Datasheet
878Kb / 38P
Switch Fabric
April 13, 2005
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com