Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PRSC192X Datasheet(PDF) 4 Page - Applied Micro Circuits Corporation

Part # PRSC192X
Description  Switch Fabric
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PRSC192X Datasheet(HTML) 4 Page - Applied Micro Circuits Corporation

  PRSC192X Datasheet HTML 1Page - Applied Micro Circuits Corporation PRSC192X Datasheet HTML 2Page - Applied Micro Circuits Corporation PRSC192X Datasheet HTML 3Page - Applied Micro Circuits Corporation PRSC192X Datasheet HTML 4Page - Applied Micro Circuits Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
AMCC reserves the right to make changes to its products, or to discontinue any product or service without notice, and advises its customers to obtain the latest
version of relevant information to verify, before placing orders, that the information being relied upon is current.
AMCC is a registered trademark of Applied Micro Circuits Corporation. Copyright © 2006 Applied Micro Circuits Corporation. All Rights Reserved.
Other company, product, and service names may be trademarks or service marks of others.
6290 Sequence Drive • San Diego, CA 92121 • Tel: 858 450-9333 • Fax: 858 450-9885 • http://www.amcc.com
For technical support, please call 800 840-6055 or email productsupport@amcc.com
Product Brief
PRS 80G, PRS C48X, and PRS C192X
Switch Fabric
PB PRS / v0.6 / 2-10-2006
4
Empowering Intelligent Networks
Specifications
PRS 80G
PRS C48X
PRS C192X
Technology
0.13 µm
0.13 µm
0.13 µm
Supply voltage
1.5 V, 2.5 V
1.5 V, 2.5 V
1.5 V, 2.5 V
Typical power @100% traffic load
12.1 Watts (master)
11.7 Watts (slave)
4.3 Watts
9 Watts
Junction °C
0°C to 125°C
0°C to 125°C
0°C to 125°C
Package
624-ball CBGA
899-ball FC-PBGA
937-ball CBGA
mm x mm (pitch)
32.5x32.5 (1.27 mm)
31x31 (1 mm)
32.5 x 32.5 (1 mm)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com