Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PRSC192X Datasheet(PDF) 1 Page - Applied Micro Circuits Corporation

Part # PRSC192X
Description  Switch Fabric
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PRSC192X Datasheet(HTML) 1 Page - Applied Micro Circuits Corporation

  PRSC192X Datasheet HTML 1Page - Applied Micro Circuits Corporation PRSC192X Datasheet HTML 2Page - Applied Micro Circuits Corporation PRSC192X Datasheet HTML 3Page - Applied Micro Circuits Corporation PRSC192X Datasheet HTML 4Page - Applied Micro Circuits Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Empowering Intelligent Optical Networks
–
Highlight s –
Product Brief
PRS Q-80G, PRS C48X, and PRS C192X
Switch Fabric
PB PRS Q-80G / v0.61 / 2-16-2006
Empowering Intelligent Networks
1
Switch Fabric Solution with Carrier
Class QoS Features for
Applications up to 320 Gbps
The AMCC PRS Q-80G is a switch device for
systems up to 320 Gbps of aggregate user
bandwidth. The PRS Q-80G is a cell switch,
shared-memory device, which provides
80 Gbps of switching capacity. It uses
.13-micron technology and embedded
3.2-Gbps SerDes to deliver 40 Gbps of user
bandwidth with an overspeed factor of two.
Along with the AMCC PRS C48X and
PRS C192X fabric interface devices, the
PRS 80G addresses the critical QoS needs of a
wide range of highly demanding applications
that handle any mix of real-time and best effort
traffic in the WAN multi-services, Wireless
Infrastructure, Metro Ethernet, Enterprise, and
TDM spaces. The PRS Q-80G provides low
latency, carrier class QoS and full bandwidth
multicast to efficiently handle real-time traffic
(including TDM) and enable convergence of
voice, video, and data traffic over a single
network infrastructure. It fits the requirements
of the new carrier services, while leveraging
previous carrier investments by providing the
capability to switch IP and TDM traffic
concurrently on the same platform.
The PRS Q-80G is an integral part of a
complete system solution with AMCC's nP37xx
integrated network processor and traffic
manager products, framers, PHYs, PowerPC
processors, and software. To facilitate the
evaluation and prototyping of complete
solutions, AMCC also offers 80-Gbps and
320-Gbps reference switch boards.
PRS Q-80G Switch Device,
PRS C48X and PRS C192X Fabric
Interface Devices
The PRS Q-80G device performs the switch
core function, in configurations of two, four, or
eight devices, depending on the switching
capacity needs. The PRS C48X and PRS
C192X devices perform the queuing manager
function of the PRS Q-80G-based switches. An
adapter card can be equipped with either a
PRS C48X interfacing a 2.5-Gbps / OC-48
network processor or a PRS C192X interfacing
a 10-Gbps / OC-192 network processor or up to
four 2.5-Gbps / OC-48 network processors.
Scalability and Multiple Port Speeds
The PRS Q-80G switch, in conjunction with the
PRS C48X and PRS C192X fabric interface
devices, provides 80 Gbps (two devices),
160 Gbps (four devices), or 320 Gbps (eight
devices) of full-duplex aggregate user
bandwidth with an overspeed factor per-port of
two to match wire-speed requirements for all
possible traffic patterns, with all line protocols.
The PRS Q-80G enables the design of
single-stage switch fabrics with up to 32 ports
for network processors that support OC-192c,
10-Gbps, and multi-GE applications, or up to
128 ports for network processors that support
OC-48c and multi-GE applications, or any
intermediate mix of those ports.
The PRS Q-80G also has built-in a 40-Gbps
clear channel attachment capability, requiring a
customer ASIC or FPGA to interface with a
40-Gbps protocol engine.
RoHS Compliance to Enable Lead
Free Designs
The PRS C48X and PRS C192X fabric
interface devices are available in two versions:
the leaded version, for lead soldering process,
and the version complying with the directive on
the Restriction of the use of certain Hazardous
Substances (RoHS) and enabling lead free
soldering.
QoS Enforcement at Media Speed
The PRS Q-80G enables full bandwidth
utilization of the media connected to the
payload boards, and still maintains high QoS
performance:
• End-to-end flow control mechanisms through
the switch fabric, and programmable flow
control thresholds (including multicast),
enabling 100% utilization of the media
bandwidth while maintaining low jitter
• Natively multicast switching technology,
enabling full bandwidth multicast while
maintaining low switching delay
QoS Enforcement at Media
Speed, Real-Time Traffic Sup-
port, Full Bandwidth Multicast
• Non-blocking, shared-memory,
single-stage switch fabric chip set:
PRS Q-80G cell switch device
providing 80 Gbps of aggregate
switching capacity, PRS C48X and
PRS C192X fabric interface devices
(queue managers)
• PRS C48X and PRS C192X available
in RoHS compliant version for lead
free designs
• Up to 320 Gbps (eight devices) of
full-duplex aggregate user bandwidth
with a per-port overspeed factor of 2
• QoS enforcement at media speed
• Real-time traffic support (guaranteed
precedence of time-sensitive traffic
over other traffic types)
• Multicast and broadcast full bandwidth
support (100% line utilization) while
preserving low switching delay
• Deterministic low latency, typically a
few microseconds for high priority
traffic under worst case conditions
(100% traffic load)
• Traffic scheduling QoS options: strict
priority scheduling, weighted round-
robin, exhaustive highest priority first
• End-to-end, in-band flow control
mechanisms through the switch fabric
• Redundant switch board operations:
hot standby mode, load sharing mode,
maintenance switchover (cell
lossless)
• AMCC SSC software for
configuration, monitoring, and control
of the switch board and AMCC
SWICC software, a PC tool for local/
remote testing (traffic generation,
digital eye, and so on)
• Evaluation switch boards, featuring
two PRS Q-80G (80 Gbps) or eight
PRS Q-80G (320 Gbps)
• System solution with AMCC's nP37xx,
framers, PHYs, and PowerPC
processors, and interoperability with
third-party network processor devices


Similar Part No. - PRSC192X

ManufacturerPart #DatasheetDescription
logo
Applied Micro Circuits ...
PRSC192X AMCC-PRSC192X Datasheet
349Kb / 4P
Switch Fabric
More results

Similar Description - PRSC192X

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM9311 PMC-PM9311 Datasheet
42Kb / 2P
Enhanced TT1TM Switch Fabric
PM9311 PMC-PM9311 Datasheet
5Mb / 343P
ENHANCED TT1??SWITCH FABRIC
logo
Broadcom Corporation.
BCM5670 BOARDCOM-BCM5670_1 Datasheet
129Kb / 2P
8-PORT, 160 Gbps SWITCH FABRIC
logo
Applied Micro Circuits ...
PRS5G AMCC-PRS5G Datasheet
276Kb / 4P
Switch Fabric
PRS16G AMCC-PRS16G Datasheet
344Kb / 3P
Switch Fabric
PRS80G AMCC-PRS80G Datasheet
349Kb / 4P
Switch Fabric
logo
OPLINK Communications I...
COSF OPLINK-COSF Datasheet
341Kb / 3P
Custom Optical Switch Fabric
logo
PMC-Sierra, Inc
PM9311-1 PMC-PM9311-1 Datasheet
43Kb / 2P
Enhanced TT1TM Switch Fabric
logo
Renesas Technology Corp
89TSF552 RENESAS-89TSF552 Datasheet
955Kb / 39P
Switch Fabric Data Sheet
June 17, 2005
89TSF500 RENESAS-89TSF500 Datasheet
878Kb / 38P
Switch Fabric
April 13, 2005
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com