Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PPC405CR Datasheet(PDF) 1 Page - Applied Micro Circuits Corporation

Part # PPC405CR
Description  PowerPC 405CR Embedded Processor
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC405CR Datasheet(HTML) 1 Page - Applied Micro Circuits Corporation

  PPC405CR Datasheet HTML 1Page - Applied Micro Circuits Corporation PPC405CR Datasheet HTML 2Page - Applied Micro Circuits Corporation PPC405CR Datasheet HTML 3Page - Applied Micro Circuits Corporation PPC405CR Datasheet HTML 4Page - Applied Micro Circuits Corporation PPC405CR Datasheet HTML 5Page - Applied Micro Circuits Corporation PPC405CR Datasheet HTML 6Page - Applied Micro Circuits Corporation PPC405CR Datasheet HTML 7Page - Applied Micro Circuits Corporation PPC405CR Datasheet HTML 8Page - Applied Micro Circuits Corporation PPC405CR Datasheet HTML 9Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
Part Number PPC405CR
Revision 1.02 – January 11, 2005
AMCC
1
PPC405CR
PowerPC 405CR Embedded Processor
Data Sheet
Features
•PowerPC® 405 32-bit RISC processor core
operating up to 266MHz
- Memory Management Unit
- 16KB instruction and 8KB data caches
- Multiply-Accumulate (MAC) function,
including fast multiply unit
- Programmable Timers
• Synchronous DRAM (SDRAM) interface oper-
ating up to 133MHz
- 32-bit interface for non-ECC applications
- 40-bit interface serves 32 bits of data plus 8
check bits for ECC applications
• External Peripheral Bus
- Flash ROM/Boot ROM interface
- Direct support for 8-, 16-, or 32-bit SRAM and
external peripherals
- Up to eight devices
- External Mastering supported
• DMA support for external peripherals, internal
UART and memory
- Scatter-gather chaining supported
- Four channels
• Programmable Interrupt Controller supports
interrupts from a variety of sources
- Supports 7 external and 10 internal interrupts
- Edge triggered or level-sensitive
- Positive or negative active
- Non-critical or critical interrupt to processor
core
- Programmable critical interrupt priority
ordering
• Two serial ports (16550 compatible UART)
• One IIC interface
• General Purpose I/O (GPIO) available
• Supports JTAG for board level testing
• Internal Processor Local Bus (PLB) runs at
SDRAM interface frequency
Description
The PowerPC 405CR (PPC405CR) is a 32-bit RISC
embedded controller. High performance, peripheral
integration, and low cost make the device ideal for
wired communications, network printers, and other
computing applications.
This device is an easy upgrade for systems based on
PowerPC 403xx embedded processors, while provid-
ing a base for custom chip designs.
The controller is powered by a PPC405 embedded
core. This core tightly couples a 266 MHz CPU, MMU,
instruction and data caches, and debug logic. Fine-
tuning of the core reduces data transfer overhead,
minimizes pipeline stalls, and improves performance.
The PPC405CR employs the IBM CoreConnect™ bus
architecture. This architecture, as implemented on the
PPC405CR, consists of a 64-bit, 133-MHz Processor
Local Bus (PLB) and a 32-bit, 66-MHz On-Chip
Peripheral Bus (OPB). High-performance peripherals
attach to the PLB and less performance-critical periph-
erals attach to the OPB.
Technology: CMOS SA-12E 0.25
µm (0.18 µm Leff)
Package: 27mm, 316-ball enhanced plastic ball grid
array (E-PBGA)
Power (estimated): Typical 0.8W, Maximum 2.0W at
200MHz.


Similar Part No. - PPC405CR

ManufacturerPart #DatasheetDescription
logo
Applied Micro Circuits ...
PPC405EP AMCC-PPC405EP Datasheet
799Kb / 50P
PowerPC 405EP Embedded Processor
PPC405EP-3GB133C AMCC-PPC405EP-3GB133C Datasheet
799Kb / 50P
PowerPC 405EP Embedded Processor
PPC405EP-3GB133CZ AMCC-PPC405EP-3GB133CZ Datasheet
799Kb / 50P
PowerPC 405EP Embedded Processor
PPC405EP-3GB200C AMCC-PPC405EP-3GB200C Datasheet
799Kb / 50P
PowerPC 405EP Embedded Processor
PPC405EP-3GB200CZ AMCC-PPC405EP-3GB200CZ Datasheet
799Kb / 50P
PowerPC 405EP Embedded Processor
More results

Similar Description - PPC405CR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-BF542 AD-ADSP-BF542 Datasheet
1Mb / 64P
Embedded Processor
Dec-2007
ADSP-BF542 AD-ADSP-BF542_07 Datasheet
3Mb / 68P
Embedded Processor
Apr-2007
logo
Applied Micro Circuits ...
PPC405EP AMCC-PPC405EP Datasheet
799Kb / 50P
PowerPC 405EP Embedded Processor
405EX AMCC-405EX Datasheet
989Kb / 67P
PowerPC 405EX Embedded Processor
405EXR AMCC-405EXR Datasheet
176Kb / 2P
Embedded Processor
405EZ AMCC-405EZ Datasheet
808Kb / 54P
PowerPC 405EZ Embedded Processor
440SP AMCC-440SP Datasheet
1Mb / 85P
PowerPC 440SP Embedded Processor
440SPE AMCC-440SPE Datasheet
1Mb / 80P
PowerPC 440SPe Embedded Processor
440EPX AMCC-440EPX Datasheet
2Mb / 94P
PowerPC 440EPx Embedded Processor
440GRX AMCC-440GRX Datasheet
1Mb / 88P
PowerPC 440GRx Embedded Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com