Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74ACT02M Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CD74ACT02M
Description  Quad 2-Input NOR Gate
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74ACT02M Datasheet(HTML) 1 Page - Texas Instruments

  CD74ACT02M Datasheet HTML 1Page - Texas Instruments CD74ACT02M Datasheet HTML 2Page - Texas Instruments CD74ACT02M Datasheet HTML 3Page - Texas Instruments CD74ACT02M Datasheet HTML 4Page - Texas Instruments CD74ACT02M Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
Data sheet acquired from Harris Semiconductor
SCHS224
Features
• Typical Propagation Delay
- 6ns at VCC = 5V, TA = 25
oC, C
L = 50pF
• Exceeds 2kV ESD Protection MIL-STD-883, Method
3015
• SCR-Latchup-Resistant CMOS Process and Circuit
Design
• Speed of Bipolar FAST™/AS/S with Significantly
Reduced Power Consumption
• Balanced Propagation Delays
• AC Types Feature 1.5V to 5.5V Operation and
Balanced Noise Immunity at 30% of the Supply
•
±24mA Output Drive Current
- Fanout to 15 FAST™ ICs
- Drives 50
Ω Transmission Lines
Description
The CD74AC02 and CD74ACT02 are quad 2-input NOR gates
that utilize the Harris Advanced CMOS Logic technology.
Pinout
CD74AC02, CD74ACT02
(PDIP, SOIC)
TOP VIEW
Functional Diagram
Ordering Information
PART
NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG.
NO.
CD74AC02E
-55 to 125
14 Ld PDIP
E14.3
CD74ACT02E
-55 to 125
14 Ld PDIP
E14.3
CD74AC02M
-55 to 125
14 Ld SOIC
M14.15
CD74ACT02M
-55 to 125
14 Ld SOIC
M14.15
NOTES:
12. When ordering, use the entire part number. Add the suffix 96 to
obtain the variant in the tape and reel.
13. Wafer and die for this part number is available which meets all elec-
trical specifications. Please contact your local sales office or Harris
customer service for ordering information.
1Y
1A
1B
2Y
2A
2B
GND
VCC
4Y
4B
4A
3Y
3B
3A
1
2
3
4
5
6
7
14
13
12
11
10
9
8
TRUTH TABLE
INPUTS
OUTPUTS
AB
Y
LL
H
HL
L
LHL
HH
L
1A
1B
2A
2B
3A
3B
4A
4B
2
3
5
6
8
9
11
12
1
4
10
13
1Y
2Y
3Y
4Y
GND = 7
VCC = 14
September 1998
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
FAST™ is a Trademark of Fairchild Semiconductor.
Copyright
© Harris Corporation 1998
CD74AC02,
CD74ACT02
Quad 2-Input NOR Gate
File Number
1978.1
[ /Title
(CD74
AC02,
CD74
ACT02
)
/Sub-
ject
(Quad
2-Input
NOR
Gate)
/Autho
r ()
/Key-
words
(Har-
ris
Semi-
con-
ductor,
Advan
ced
CMOS
, Harris
Semi-
con-
ductor,
Advan
ced
TTL)
/Cre-
ator ()


Similar Part No. - CD74ACT02M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74ACT02M TI-CD74ACT02M Datasheet
302Kb / 9P
QUADRUPLE 2-INPUT POSITIVE-NOR GATES
CD74ACT02M TI1-CD74ACT02M Datasheet
871Kb / 13P
QUADRUPLE 2-INPUT POSITIVE-NOR GATES
CD74ACT02M TI2-CD74ACT02M Datasheet
1Mb / 24P
QUADRUPLE 2-INPUT POSITIVE-NOR GATES
REVISED MAY 2002
CD74ACT02M96 TI-CD74ACT02M96 Datasheet
302Kb / 9P
QUADRUPLE 2-INPUT POSITIVE-NOR GATES
CD74ACT02M96 TI1-CD74ACT02M96 Datasheet
871Kb / 13P
QUADRUPLE 2-INPUT POSITIVE-NOR GATES
More results

Similar Description - CD74ACT02M

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54AC02 NSC-54AC02 Datasheet
111Kb / 6P
Quad 2-Input NOR Gate
logo
ON Semiconductor
MC10102 ONSEMI-MC10102 Datasheet
101Kb / 5P
Quad 2-Input NOR Gate
1996 REV 5
logo
NXP Semiconductors
74F02 PHILIPS-74F02 Datasheet
99Kb / 11P
Quad 2-input NOR gate
1990 Oct 04
74HC02 PHILIPS-74HC02 Datasheet
28Kb / 5P
Quad 2-input NOR gate
December 1990
logo
STMicroelectronics
74VHC02 STMICROELECTRONICS-74VHC02 Datasheet
164Kb / 8P
QUAD 2-INPUT NOR GATE
Jun-2001
logo
Fairchild Semiconductor
74ACTQ02 FAIRCHILD-74ACTQ02 Datasheet
80Kb / 7P
Quad 2-Input NOR Gate
74F02 FAIRCHILD-74F02 Datasheet
47Kb / 4P
Quad 2-Input NOR Gate
logo
Toshiba Semiconductor
TC74VHC02F TOSHIBA-TC74VHC02F_07 Datasheet
255Kb / 9P
Quad 2-Input NOR Gate
TC4001BP TOSHIBA-TC4001BP_07 Datasheet
250Kb / 9P
Quad 2 Input NOR Gate
logo
Fairchild Semiconductor
74VHC02 FAIRCHILD-74VHC02_07 Datasheet
291Kb / 9P
Quad 2-Input NOR Gate
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com