Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFS52N15DTRLP Datasheet(PDF) 11 Page - International Rectifier

Part # IRFS52N15DTRLP
Description  HEXFET Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFS52N15DTRLP Datasheet(HTML) 11 Page - International Rectifier

Back Button IRFS52N15DTRLP Datasheet HTML 4Page - International Rectifier IRFS52N15DTRLP Datasheet HTML 5Page - International Rectifier IRFS52N15DTRLP Datasheet HTML 6Page - International Rectifier IRFS52N15DTRLP Datasheet HTML 7Page - International Rectifier IRFS52N15DTRLP Datasheet HTML 8Page - International Rectifier IRFS52N15DTRLP Datasheet HTML 9Page - International Rectifier IRFS52N15DTRLP Datasheet HTML 10Page - International Rectifier IRFS52N15DTRLP Datasheet HTML 11Page - International Rectifier IRFS52N15DTRLP Datasheet HTML 12Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
www.irf.com
11
PROVISIONAL
IRFB52N15DPbF/IRFS52N15DPbF/IRFSL52N15DPbF
 1% Duty cycle, 100 pulses, limited by
max. junction temperature.
‚ Starting TJ = 25°C, L = 0.72mH
RG = 25Ω, IAS = 36A.
ƒ ISD ≤ 36A, di/dt ≤ 400A/µs, VDD ≤ V(BR)DSS,
TJ ≤ 175°C.
„ Pulse width ≤ 300µs; duty cycle ≤ 2%.
Notes:
… Coss eff. is a fixed capacitance that gives the same charging time
as Coss while VDS is rising from 0 to 80% VDSS.
† This is only applied to TO-220AB package.
‡ This is applied to D2Pak, when mounted on 1" square PCB
(FR-4 or G-10 Material ). For recommended footprint and soldering
techniques refer to application note #AN-994.
Data and specifications subject to change without notice.
This product has been designed and qualified for the Automotive [Q101] (IRFB52N15DPbF),
& Industrial (IRFS52N15DPbF/IRFSL52N15DPbF) market.
Qualification Standards can be found on IR’s Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information.05/05
TO-220 package is not recommended for Surface Mount Application.
D2Pak Tape & Reel Information
3
4
4
TRR
FEED DIRECTION
1.85 (.073)
1.65 (.065)
1.60 (.063)
1.50 (.059)
4.10 (.161)
3.90 (.153)
TRL
FEED DIRECTION
10.90 (.429)
10.70 (.421)
16.10 (.634)
15.90 (.626)
1.75 (.069)
1.25 (.049)
11.60 (.457)
11.40 (.449)
15.42 (.609)
15.22 (.601)
4.72 (.136)
4.52 (.178)
24.30 (.957)
23.90 (.941)
0.368 (.0145)
0.342 (.0135)
1.60 (.063)
1.50 (.059)
13.50 (.532)
12.80 (.504)
330.00
(14.173)
MAX.
27.40 (1.079)
23.90 (.941)
60.00 (2.362)
MIN.
30.40 (1.197)
MAX.
26.40 (1.039)
24.40 (.961)
NOTES :
1. COMFORMS TO EIA-418.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSION MEASURED @ HUB.
4. INCLUDES FLANGE DISTORTION @ OUTER EDGE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com