Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PPC405EP-3LB333CZ Datasheet(PDF) 5 Page - Applied Micro Circuits Corporation

Part # PPC405EP-3LB333CZ
Description  PowerPC 405EP Embedded Processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC405EP-3LB333CZ Datasheet(HTML) 5 Page - Applied Micro Circuits Corporation

  PPC405EP-3LB333CZ Datasheet HTML 1Page - Applied Micro Circuits Corporation PPC405EP-3LB333CZ Datasheet HTML 2Page - Applied Micro Circuits Corporation PPC405EP-3LB333CZ Datasheet HTML 3Page - Applied Micro Circuits Corporation PPC405EP-3LB333CZ Datasheet HTML 4Page - Applied Micro Circuits Corporation PPC405EP-3LB333CZ Datasheet HTML 5Page - Applied Micro Circuits Corporation PPC405EP-3LB333CZ Datasheet HTML 6Page - Applied Micro Circuits Corporation PPC405EP-3LB333CZ Datasheet HTML 7Page - Applied Micro Circuits Corporation PPC405EP-3LB333CZ Datasheet HTML 8Page - Applied Micro Circuits Corporation PPC405EP-3LB333CZ Datasheet HTML 9Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 50 page
background image
PPC405EP – PowerPC 405EP Embedded Processor
Revision 1.07 – September 10, 2007
AMCC
5
Data Sheet
Figure 1. PPC405EP Embedded Controller Functional Block Diagram
The PPC405EP is designed using the IBM Microelectronics Blue LogicTM methodology in which major functional
blocks are integrated together to create an application-specific ASIC product. This approach provides a consistent
way to create complex ASICs using IBM CoreConnectTM Bus Architecture.
PPC405
Processor Core
DOCM
IOCM
DCU
ICU
OCM
Control
OCM
SRAM
DCR Bus
16KB
On-chip Peripheral Bus (OPB)
GPIO
IIC
GPT
UART
MAL
Ethernet
DMA
Bridge
Processor Local Bus (PLB)
SDRAM
PCI Bridge
External
Bus
Controller
Controller
Clock
Control
Reset
Power
Mgmt
JTAG
Trace
Timers
MMU
MII
Controller
OPB
Interrupt
Controller
Arb
29-bit addr
16-bit data
13-bit addr
32-bit data
Universal
I-Cache
D-Cache
(4-Channel)
66 MHz max (async)
DCRs
16KB
Arb
x2
x2
Event
Counters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com