Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

251009SW02DXLL Datasheet(PDF) 3 Page - Ashcroft, Inc.

Part # 251009SW02DXLL
Description  1009 2½˝, 3½˝ Stainless Steel Pressure Gauges
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

251009SW02DXLL Datasheet(HTML) 3 Page - Ashcroft, Inc.

  251009SW02DXLL Datasheet HTML 1Page - Ashcroft, Inc. 251009SW02DXLL Datasheet HTML 2Page - Ashcroft, Inc. 251009SW02DXLL Datasheet HTML 3Page - Ashcroft, Inc. 251009SW02DXLL Datasheet HTML 4Page - Ashcroft, Inc. 251009SW02DXLL Datasheet HTML 5Page - Ashcroft, Inc. 251009SW02DXLL Datasheet HTML 6Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
of 6
3
Data Sheet
All specifications are subject to change without notice. All sales subject to standard terms and conditions.
Ashcroft®, Duralife®,
PLUS!™, PowerFlex™, True Zero™, Trust the Shield® are trademarks and Gold ServiceSM is a
service mark of Ashcroft Inc. The following non-Ashcroft trademarks are the property of their respective owners:
Halocarbon®, Krytox™. For more information, see Ashcroft Brands & Trademarks
©2024 Ashcroft Inc. 1009_25-35_ds_RevJ_08-08-24
ashcroft.com
| 1.800.328.8258 | Contact Us
1009 2½˝, 3½˝ Stainless Steel Pressure Gauges
ORDERING CODE: (continued)
Example:
251009 SW
L
02
L
XC4 100#
Options (If choosing an option(s) must include an “X”)
X__
Windows
SG - Safety glass
Pointers
EO - Red set hand - adjustable (not available with liquid filled units)
SH - Red set hand - stationary single
SJ - Red set hand - stationary single
MP - Adjustable pointer - micrometer
Tags
DA - Dial marking
NH - Stainless steel tag
NN - Paper tag
Test and Calibration Report
6B - Cleaned for gaseous oxygen service (for liquid filled Halocarbon® (GX) required, N/A on ranges greater
than 10,000 psi)
6W - Cleaned for gases other than oxygen
C3 - Material certification (consult factory for availability)
C4 - Traceable calibration certificate
C4
HY - Hydrostatic test - when attached to a diaphragm seal add HY code to gauge and seal product
code (if attached to seal charge will be on gauge only)
KH - Any calibration other than standard
MF - Mercury free
MQ - Positive material identification (PMI) (only available with stainless steel systems,tube, tip, and socket)
Refrigerants - (consult factory for available dials)
R1 - Refrigerant 11
R2 - Refrigerant 12
R3 - Refrigerant 22
R4 - Refrigerant 502
R5 - Ammonia - (must have stainless steel wetted parts)
R6 - Refrigerant 114
R7 - Refrigerant 500
R8 - Refrigerant 134A
R9 - Refrigerant 123
Other
AB - Absolute pressure (gauge is offset by 14.7 psi, contact inside sales for more information)
PR - Receiver gauge (N/A on liquid filled gauges - consult factory for available dials)
Range (see range table for all standard ranges)
100# - 100 psi
100#



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com