Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

440SP Datasheet(PDF) 13 Page - Applied Micro Circuits Corporation

Part # 440SP
Description  PowerPC 440SP Embedded Processor
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

440SP Datasheet(HTML) 13 Page - Applied Micro Circuits Corporation

Back Button 440SP Datasheet HTML 9Page - Applied Micro Circuits Corporation 440SP Datasheet HTML 10Page - Applied Micro Circuits Corporation 440SP Datasheet HTML 11Page - Applied Micro Circuits Corporation 440SP Datasheet HTML 12Page - Applied Micro Circuits Corporation 440SP Datasheet HTML 13Page - Applied Micro Circuits Corporation 440SP Datasheet HTML 14Page - Applied Micro Circuits Corporation 440SP Datasheet HTML 15Page - Applied Micro Circuits Corporation 440SP Datasheet HTML 16Page - Applied Micro Circuits Corporation 440SP Datasheet HTML 17Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 85 page
background image
PowerPC 440SP Embedded Processor
Revision 1.23 - Sept 26, 2006
AMCC Proprietary
13
Data Sheet
of the Memory Controller unit.
The RAID 5 and RAID 6 parity computations performed in the Memory Queue are assisted by the two-channel
DMA engine of the I2O/DMA controller unit, designated as DMA0 and DMA1. The RAID acceleration hardware
also provides various alternatives for balancing load and performance, depending on customer-specific application
firmware. The two-way crossbar bus architecture can perform data read and write operations simultaneously,
resulting in extremely high throughput.
RAID 6 capability is available only with the RAID-enabled part numbers (PPC440SP-RpCfffC) as indicated in the
ordering information section of this data sheet.
For more information about the RAID 6 implementation, description, and configuration of the acceleration
hardware, refer to the following AMCC documents:
• PowerPC 440SP/440SPe RAID Support Application Note
• PowerPC 440SP RAID Addendum to the User’s Manual
XOR/DMA2 Controller
The XOR/DMA2 controller performs the XOR functions needed to support RAID 5 applications including parity
generation and check functions used across data stripes in a RAID 5 system.
Features include:
• Computes a bit-wise XOR on up to 16 data streams with result stored in designated target
• Performs XOR check on up to 16 data streams
• Driven by a linked list Command Block structure specifying control information, source operands, target
operand, status information, and link
• Source and target streams may reside anywhere in PLB address space.
• Provides completion status per Command Block to be handled by software at a later time
• 96-byte and 160-byte Command Block formats are supported
• No memory alignment restrictions on operands or target
• Internal register arrays and data buffers are parity protected
• Can be used as a DMA controller (DMA2) with single source and target addresses
Serial Port
The serial port is compatible with the NS‚ 16570 UART interface.
Features include:
• One 8-pin, one 4-pin, and one 2-pin interfaces are provided
• Selectable internal or external serial clock to allow wide range of baud rates
• Register compatibility with 16750 register set
• Complete status reporting capability
• Fully programmable serial-interface characteristics
IIC Bus Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com