Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PPC440SPE Datasheet(PDF) 15 Page - Applied Micro Circuits Corporation

Part # PPC440SPE
Description  PowerPC 440SPe Embedded Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440SPE Datasheet(HTML) 15 Page - Applied Micro Circuits Corporation

Back Button PPC440SPE Datasheet HTML 11Page - Applied Micro Circuits Corporation PPC440SPE Datasheet HTML 12Page - Applied Micro Circuits Corporation PPC440SPE Datasheet HTML 13Page - Applied Micro Circuits Corporation PPC440SPE Datasheet HTML 14Page - Applied Micro Circuits Corporation PPC440SPE Datasheet HTML 15Page - Applied Micro Circuits Corporation PPC440SPE Datasheet HTML 16Page - Applied Micro Circuits Corporation PPC440SPE Datasheet HTML 17Page - Applied Micro Circuits Corporation PPC440SPE Datasheet HTML 18Page - Applied Micro Circuits Corporation PPC440SPE Datasheet HTML 19Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 80 page
background image
PowerPC 440SPe Embedded Processor
Revision 1.23 - Sept 21, 2006
AMCC Proprietary
15
Preliminary Data Sheet
General Purpose Timers (GPT)
Provides a time base counter and system timers additional to those defined in the processor core.
• 32-bit time base counter driven by the OPB bus clock
• Seven 32-bit compare timers
General Purpose IO (GPIO) Controller
• Controller functions and GPIO registers are programmed and accessed by means of memory-mapped OPB
bus master accesses.
• The 32 GPIOs are pin-shared with other functions. DCRs control whether a particular pin that has GPIO
capabilities acts as a GPIO or is used for another purpose.
• Each GPIO output is a separately programmable tri-state driver (pull-up, pull-down, or open-drain).
Universal Interrupt Controller (UIC)
Four cascaded Universal Interrupt Controllers (UIC) process internal on-chip and external processor interrupts.
Note: Processor specific interrupts (for example, page faults) do not use UIC resources.
Features include:
• 16 external interrupts
• 101 internal interrupts
• Edge-triggered or level-sensitive
• Positive- or negative-active
• Non-critical or critical interrupt to the on-chip processor core
• Programmable interrupt priority ordering
• Programmable critical interrupt vector for faster vector processing
JTAG
Features include:
• IEEE 1149.1 Test Access Port
• IBM RISCWatch Debugger support
• JTAG Boundary Scan Description Language (BSDL)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com