Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PPC440SP-RFC667C Datasheet(PDF) 7 Page - Applied Micro Circuits Corporation

Part # PPC440SP-RFC667C
Description  PowerPC 440SP Embedded Processor
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440SP-RFC667C Datasheet(HTML) 7 Page - Applied Micro Circuits Corporation

Back Button PPC440SP-RFC667C Datasheet HTML 3Page - Applied Micro Circuits Corporation PPC440SP-RFC667C Datasheet HTML 4Page - Applied Micro Circuits Corporation PPC440SP-RFC667C Datasheet HTML 5Page - Applied Micro Circuits Corporation PPC440SP-RFC667C Datasheet HTML 6Page - Applied Micro Circuits Corporation PPC440SP-RFC667C Datasheet HTML 7Page - Applied Micro Circuits Corporation PPC440SP-RFC667C Datasheet HTML 8Page - Applied Micro Circuits Corporation PPC440SP-RFC667C Datasheet HTML 9Page - Applied Micro Circuits Corporation PPC440SP-RFC667C Datasheet HTML 10Page - Applied Micro Circuits Corporation PPC440SP-RFC667C Datasheet HTML 11Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 85 page
background image
PowerPC 440SP Embedded Processor
Revision 1.23 - Sept 26, 2006
AMCC Proprietary
7
Data Sheet
DDR PCI-X Space (HB)
Reserved
0000 0009 0000 0000
0000 0009 07FF FFFF
PCIX0 I/O
0000 0009 0800 0000
0000 0009 0800 FFFF
64KB
PCIX1 I/O
0000 0009 1800 0000
0000 0009 1800 FFFF
64KB
PCIX2 I/O
0000 0009 2800 0000
0000 0009 2800 FFFF
64KB
PCIX0 Addressing Config. Regs
0000 0009 0EC0 0000
0000 0009 0EC0 0007
8B
PCIX1 Addressing Config. Regs
0000 0009 1EC0 0000
0000 0009 1EC0 0007
8B
PCIX2 Addressing Config. Regs
0000 0009 2EC0 0000
0000 0009 2EC0 0007
8B
PCIX0 Core Config. Regs
0000 0009 0EC8 0000
0000 0009 0EC8 0FFF
4KB
PCIX1 Core Config. Regs
0000 0009 1EC8 0000
0000 0009 1EC8 0FFF
4KB
PCIX2 Core Config. Regs
0000 0009 2EC8 0000
0000 0009 2EC8 0FFF
4KB
PCIX0 Simple Message Passing
0000 0009 0EC8 1100
0000 0009 0EC8 11FF
256B
PCIX1 Simple Message Passing
0000 0009 1EC8 1100
0000 0009 1EC8 11FF
256B
PCIX2 Simple Message Passing
0000 0009 2EC8 1100
0000 0009 2EC8 11FF
256B
PCIX0 Special Cycle
0000 0009 0ED0 0000
0000 0009 0EDF FFFF
1MB
PCIX1 Special Cycle
0000 0009 1ED0 0000
0000 0009 1EDF FFFF
1MB
PCIX2 Special Cycle
0000 0009 2ED0 0000
0000 0009 2EDF FFFF
1MB
Reserved
0000 0009 2EE0 0000
0000 0009 2EFF FFFF
PCI Memory
0000 0009 2F00 0000
0000 0009 FFBF FFFF
3.3GB
Reserved
0000 0009 FFC0 0000
0000 0009 FFDF FFFF
PCI Boot ROM (PCI Memory)
0000 0009 FFE0 0000
0000 0009 FFFF FFFF
2MB
PCI Memory
0000 000A 0000 0000
0000 000F FFFF FFFF
24GB
Reserved4
0000 0010 0000 0000
03FF FFFF FFFF FFFF
Reserved5
0400 0010 0000 0000
07FF FFFF FFFF FFFF
DDR PCI-X Space (HB)
PCI Memory
0800 0000 0000 0000
FFFF FFFF FFFF FFFF
15.7EB
Notes:
1. DDR SDRAM and
on-chip SRAM can be located anywhere in the Local Memory area of the memory map.
2. The Boot ROM and Expansion ROM areas of the memory map are intended for use by ROM or Flash-type devices. While locating
volatile DDR SDRAM and SRAM in this region is supported, use of these regions for this purpose is not recommended.
3. When the optional boot from PCI-X memory is selected, the PCI-X Boot ROM address space begins at 9 FFE0 0000 (128 KB).
4. Never decoded.
5. Unpredictable results on Read and Write operations.
6. Accessed by means of EBC Peripheral Bank Configuration Registers
Table 1. System Memory Address Map (Sheet 2 of 2)
Function
Sub Function
Start Address
End Address
Size



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com