Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PPC405GP-3BE133C Datasheet(PDF) 37 Page - Applied Micro Circuits Corporation

Part # PPC405GP-3BE133C
Description  Power PC 405GP Embedded Processor
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC405GP-3BE133C Datasheet(HTML) 37 Page - Applied Micro Circuits Corporation

Back Button PPC405GP-3BE133C Datasheet HTML 33Page - Applied Micro Circuits Corporation PPC405GP-3BE133C Datasheet HTML 34Page - Applied Micro Circuits Corporation PPC405GP-3BE133C Datasheet HTML 35Page - Applied Micro Circuits Corporation PPC405GP-3BE133C Datasheet HTML 36Page - Applied Micro Circuits Corporation PPC405GP-3BE133C Datasheet HTML 37Page - Applied Micro Circuits Corporation PPC405GP-3BE133C Datasheet HTML 38Page - Applied Micro Circuits Corporation PPC405GP-3BE133C Datasheet HTML 39Page - Applied Micro Circuits Corporation PPC405GP-3BE133C Datasheet HTML 40Page - Applied Micro Circuits Corporation PPC405GP-3BE133C Datasheet HTML 41Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 59 page
background image
405GP – Power PC 405GP Embedded Processor
AMCC
37
Revision 2.03 – September 7, 2007
Data Sheet
SDRAM Interface
MemData0:31
Memory data bus.
Notes:
1. MemData0 is the most significant bit (msb).
2. MemData31 is the least significant bit (lsb).
I/O
3.3V LVTTL
MemAddr12:0
Memory address bus.
Notes:
1. MemAddr12 is the most significant bit (msb).
2. MemAddr0 is the least significant bit (lsb).
O3.3V LVTTL
BA1:0
Bank Address supporting up to 4 internal banks.
O
3.3V LVTTL
RAS
Row Address Strobe.
O
3.3V LVTTL
CAS
Column Address Strobe.
O
3.3V LVTTL
DQM0:3
DQM for byte lane: 0 (MemData0:7),
1 (MemData8:15),
2 (MemData16:23), and
3 (MemData24:31)
O3.3V LVTTL
DQMCB
DQM for ECC check bits.
O
3.3V LVTTL
ECC0:7
ECC check bits 0:7.
I/O
3.3V LVTTL
BankSel0:3
Select up to four external SDRAM banks.
O
3.3V LVTTL
WE
Write Enable.
O
3.3V LVTTL
ClkEn0:1
SDRAM Clock Enable.
O
3.3V LVTTL
MemClkOut0:1
Two copies of an SDRAM clock allows, in some cases, glueless
SDRAM attach without requiring this signal to be repowered by a PLL
or zero-delay buffer.
O3.3V LVTTL
External Slave Peripheral Interface
PerData0:31
Peripheral data bus used by PPC405GP when not in external master
mode, otherwise used by external master.
Note: PerData0 is the most significant bit (msb) on this bus.
I/O
5V tolerant
3.3V LVTTL
1
PerAddr0:31
Peripheral address bus used by PPC405GP when not in external
master mode, otherwise used by external master.
Note: PerAddr0 is the most significant bit (msb) on this bus.
I/O
5V tolerant
3.3V LVTTL
1
PerPar0:3
Peripheral byte parity signals.
I/O
5V tolerant
3.3V LVTTL
1
PerWBE0:3
As outputs, these pins can act as byte-enables which are valid for an
entire cycle or as write-byte-enables which are valid for each byte on
each data transfer, allowing partial word transactions. As outputs,
pins are used by either the pripheral controller or the DMA controller
depending upon the type of transfer involved. Used as inputs when
an external bus master owns the external interface.
I/O
5V tolerant
3.3V LVTTL
1, 7
[PerWE]PCIINT
Peripheral write enable. Low when any of the four PerWBE0:3 write
byte enables are low.
or
PCI interrupt. Open-drain output (two states; 0 or open circuit)
O
5V tolerant
3.3V PCI
Signal Functional Description (Part 3 of 8)
Multiplexed signals are shown in brackets following the first signal name assigned to each multiplexed ball.
Notes:
1. Receiver input has hysteresis.
2. Must pull up. See “Pull-Up and Pull-Down Resistors” on page 34 for recommended termination values.
3. Must pull down. See “Pull-Up and Pull-Down Resistors” on page 34 for recommended termination values.
4. If not used, must pull up.
5. If not used, must pull down.
6. Strapping input during reset; pull up or pull down as required.
7. Pull-up may be required. See “External Bus Control Signals” on page 34.
Signal Name
Description
I/O
Type
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com