Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PPC440EP-3PBFFFCX Datasheet(PDF) 70 Page - Applied Micro Circuits Corporation

Part # PPC440EP-3PBFFFCX
Description  Power PC 440EP Embedded Processor
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440EP-3PBFFFCX Datasheet(HTML) 70 Page - Applied Micro Circuits Corporation

Back Button PPC440EP-3PBFFFCX Datasheet HTML 66Page - Applied Micro Circuits Corporation PPC440EP-3PBFFFCX Datasheet HTML 67Page - Applied Micro Circuits Corporation PPC440EP-3PBFFFCX Datasheet HTML 68Page - Applied Micro Circuits Corporation PPC440EP-3PBFFFCX Datasheet HTML 69Page - Applied Micro Circuits Corporation PPC440EP-3PBFFFCX Datasheet HTML 70Page - Applied Micro Circuits Corporation PPC440EP-3PBFFFCX Datasheet HTML 71Page - Applied Micro Circuits Corporation PPC440EP-3PBFFFCX Datasheet HTML 72Page - Applied Micro Circuits Corporation PPC440EP-3PBFFFCX Datasheet HTML 73Page - Applied Micro Circuits Corporation PPC440EP-3PBFFFCX Datasheet HTML 74Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 84 page
background image
70
AMCC Proprietary
440EP – PPC440EP Embedded Processor
Revision 1.26 – April 25, 2007
Data Sheet
Table 17. I/O Specifications—333MHz to 533MHz
Notes:
1. PerClk rising edge at package pin with a 10pF load trails the internal PLB clock by approximately 1.3ns.
Signal
Input (ns)
Output (ns)
Output Current (mA)
Clock
Notes
Setup Time
(TIS min)
Hold Time
(TIH min)
Valid Delay
(TOV max)
Hold Time
(TOH min)
I/O H
(minimum)
I/O L
(minimum)
External Slave Peripheral Interface
DMAAck0:1
n/a
n/a
10
1
5.1
6.8
PerClk
DMAAck2:3
n/a
n/a
10
1
15.3
10.2
PerClk
DMAReq0:3
11.7
0.5
n/a
n/a
na
na
PerClk
EOT0:1/TC0:1
11.7
0.5
10
1
5.1
6.8
PerClk
EOT2:3/TC2:3
11.7
0.5
10
1
15.3
10.2
PerClk
PerAddr02:31
4
1
7.2
1.5
15.3
10.2
PerClk
PerBLast
4
1
6.5
1.5
15.3
10.2
PerClk
PerCS0:5
n/a
n/a
6.5
1.5
10.3
7.1
PerClk
PerData00:15
4
1
7.2
1.5
15.3
10.2
PerClk
PerOE
n/a
n/a
6.5
1.5
15.3
10.2
PerClk
PerReady
6
1
n/a
n/a
15.3
10.2
PerClk
PerR/W
4
1
6.5
1.5
15.3
10.2
PerClk
PerWBE0:1
4
1
6.5
1.5
15.3
10.2
PerClk
External Master Peripheral Interface
BusReq
n/a
n/a
6.5
1.5
7.1
9.6
PerClk
ExtAck
n/a
n/a
6.5
1.5
7.1
9.6
PerClk
ExtReq
4
1
n/a
n/a
n/a
n/a
PerClk
ExtReset
n/a
n/a
6.0
1.5
15.3
10.2
PerClk
HoldAck
n/a
n/a
6.5
1.5
7.1
9.6
PerClk
HoldReq
4
1
n/a
n/a
na
na
PerClk
HoldPri
4
1
n/a
n/a
na
na
PerClk
n/a
n/a
n/a
n/a
15.3
10.2
PLB Clk
1
PerErr
6
1
n/a
n/a
10.3
7.1
PerClk
NAND Flash Interface
NFALE
n/a
n/a
6.5
1.5
5.1
6.8
NFCE0:3
n/a
n/a
6.5
1.5
10.3
7.1
NFCLE
n/a
n/a
6.5
1.5
5.1
6.8
NFRdyBusy
4
1
n/a
n/a
na
na
NFREn
n/a
n/a
6.5
1.5
5.1
6.8
NFWEn
n/a
n/a
6.5
1.5
5.1
6.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com