Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PPC405GPR-3KB266 Datasheet(PDF) 50 Page - Applied Micro Circuits Corporation

Part # PPC405GPR-3KB266
Description  Power PC 405GPr Embedded Processor
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC405GPR-3KB266 Datasheet(HTML) 50 Page - Applied Micro Circuits Corporation

Back Button PPC405GPR-3KB266 Datasheet HTML 46Page - Applied Micro Circuits Corporation PPC405GPR-3KB266 Datasheet HTML 47Page - Applied Micro Circuits Corporation PPC405GPR-3KB266 Datasheet HTML 48Page - Applied Micro Circuits Corporation PPC405GPR-3KB266 Datasheet HTML 49Page - Applied Micro Circuits Corporation PPC405GPR-3KB266 Datasheet HTML 50Page - Applied Micro Circuits Corporation PPC405GPR-3KB266 Datasheet HTML 51Page - Applied Micro Circuits Corporation PPC405GPR-3KB266 Datasheet HTML 52Page - Applied Micro Circuits Corporation PPC405GPR-3KB266 Datasheet HTML 53Page - Applied Micro Circuits Corporation PPC405GPR-3KB266 Datasheet HTML 54Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 57 page
background image
405GPr – Power PC 405GPr Embedded Processor
50
AMCC
Revision 2.04 – September 7, 2007
Data Sheet
I/O Specifications—Group 2
Notes:
1. The SDRAM command interface is configurable through SDRAM0_TR[LDF] to provide a 2 to 4 cycle delay before the
command is used by SDRAM.
2. SDRAM I/O timings are specified relative to a MemClkOut terminated into a lumped 10pF load.
3. SDRAM interface hold times are guaranteed at the PPC405GPr package pin. System designers must use the PPC405GPr
IBIS model (available from www.amcc.com) to ensure their clock distribution topology minimizes loading and reflections,
and that the relative delays on clock wiring do not exceed the delays on other SDRAM signal wiring.
4. PerClk timing is specified with a 10pF load at the package pin. The indicated timing is valid only if PerClk feedback is
selected. Refer to the PowerPC 405GPr Embedded Processor User’s Manual for more information.
5. Input timings are specified at 1.5V, assuming transition times between 1 and 2ns, when measured between the 10% and
90% points of the output voltage.
6. I/O H is specified at 2.4 V and I/O L is specified at 0.4 V.
Signal
Input (ns)
Output (ns)
Output Current (mA)
Clock
Notes
Setup Time
(TIS min)
Hold Time
(TIH min)
Valid Delay
(TOV max)
Hold Time
(TOH min)
I/O H
(minimum)
I/O L
(minimum)
SDRAM Interface
BA1:0
na
na
4.5
1.6
15.3
10.2
MemClkOut
1, 2, 5
BankSel3:0
na
na
4.5
1.5
15.3
10.2
MemClkOut
2, 5
CAS
na
na
4.4
1.5
15.3
10.2
MemClkOut
1, 2, 5
ClkEn0:1
na
na
3.9
1.4
23
19.3
MemClkOut
2, 5
DQM0:3
na
na
4.5
1.4
15.3
10.2
MemClkOut
2, 5
DQMCB
na
na
4.3
1.4
15.3
10.2
MemClkOut
2, 5
ECC0:7
1.4
0
4.5
1.5
15.3
10.2
MemClkOut
2, 5
MemAddr12:0
na
na
4.6
1.5
15.3
10.2
MemClkOut
1, 2, 5
MemData0:31
1.4
0
5.1
1.4
15.3
10.2
MemClkOut
2, 5
RAS
na
na
4.4
1.5
15.3
10.2
MemClkOut
1, 2, 5
WE
na
na
4.4
1.5
15.3
10.2
MemClkOut
1, 2, 5
External Slave Peripheral Interface
DMAAck0:3
na
na
6.1
2.2
10.3
7.1
PerClk
5
DMAReq0:3
3.2
0
na
na
na
na
PerClk
5
EOT0:3/TC0:3
dc
dc
6.4
2
10.3
7.1
PerClk
5
PerAddr0:31
2.2
0
7.1
2
15.3
10.2
PerClk
5
PerBLast
3.3
0
6.5
2.3
10.3
7.1
PerClk
5
PerCS0
PerCS1:7[GPIO10:16]
na
na
6.5
2.1
10.3
7.1
PerClk
5
PerData0:31
4.7
0.9
7.2
1.9
15.3
10.2
PerClk
5
PerOE
na
na
6.5
2.1
10.3
7.1
PerClk
5
PerPar0:3
2.3
0
7.2
2.1
15.3
10.2
PerClk
5
PerR/W
3.3
0
6.6
2.1
10.3
7.1
PerClk
5
PerReady
5.5
0
na
na
na
na
PerClk
5
PerWBE0:3
2.3
0
6.1
2.2
10.3
7.1
PerClk
5
External Master Peripheral Interface
BusReq
na
na
6.1
2.2
10.3
7.1
PerClk
5
ExtAck
na
na
5.9
2.1
10.3
7.1
PerClk
5
ExtReq
4.1
0
na
na
na
na
PerClk
5
ExtReset
na
na
6
1
15.3
10.2
PerClk
5
HoldAck
na
na
6.1
2
10.3
7.1
PerClk
5
HoldPri
2.1
0
na
nanana
PerClk
5
HoldReq
3.1
0
na
na
na
na
PerClk
5
PerClk
na
na
0.7
-0.5
15.3
10.2
SysClk
4, 5
PerErr
2.4
0
na
na
na
na
PerClk
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com