Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PPC440GP-3CC400EZ Datasheet(PDF) 67 Page - Applied Micro Circuits Corporation

Part # PPC440GP-3CC400EZ
Description  Power PC 440GP Embedded Processor
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440GP-3CC400EZ Datasheet(HTML) 67 Page - Applied Micro Circuits Corporation

Back Button PPC440GP-3CC400EZ Datasheet HTML 63Page - Applied Micro Circuits Corporation PPC440GP-3CC400EZ Datasheet HTML 64Page - Applied Micro Circuits Corporation PPC440GP-3CC400EZ Datasheet HTML 65Page - Applied Micro Circuits Corporation PPC440GP-3CC400EZ Datasheet HTML 66Page - Applied Micro Circuits Corporation PPC440GP-3CC400EZ Datasheet HTML 67Page - Applied Micro Circuits Corporation PPC440GP-3CC400EZ Datasheet HTML 68Page - Applied Micro Circuits Corporation PPC440GP-3CC400EZ Datasheet HTML 69Page - Applied Micro Circuits Corporation PPC440GP-3CC400EZ Datasheet HTML 70Page - Applied Micro Circuits Corporation PPC440GP-3CC400EZ Datasheet HTML 71Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 83 page
background image
440GP – Power PC 440GP Embedded Processor
AMCC
67
Revision 1.07 – October 4, 2007
Data Sheet
Internal Peripheral Interface
IICxSClk
na
na
na
na
15.3
10.2
IICxSDA
15.3
10.2
UARTSerClk
na
na
na
na
na
na
UART0_Rx
na
na
na
na
UART0_Tx
na
na
10.3
7.1
UART0_DCD
na
na
na
na
UART0_DSR
na
na
na
na
UART0_CTS
na
na
na
na
UART0_DTR
na
na
10.3
7.1
UART0_RI
na
na
na
na
UART0_RTS
na
na
10.3
7.1
UART1_Rx
na
na
na
na
UART1_Tx
na
na
10.3
7.1
UART1_DSR/CTS
na
na
na
na
UART1_RTS/DTR
na
na
10.3
7.1
Interrupts Interface
IRQ00:12
na
na
JTAG Interface
TDI
na
na
async
TMS
na
na
async
TDO
15.3
10.2
async
TCK
na
na
async
TRST
na
na
async
I/O Specifications—All Speeds (Sheet 3 of 4)
Notes:
1. Ethernet interface meets timing requirements as defined by IEEE 802.3 standard.
2. PCI-X timings are for asynchronous operation up to 133MHz. PCI-X input setup time requirement is 1.2ns for 133MHz and
1.7ns for 66MHz. PCI timings (in parentheses) are for asynchronous operation up to 66MHz. PCI output hold time
requirement is 1ns for 66MHz and 2ns for 33MHz.
3. The clock frequency for RMII operation is 50MHz ± 100ppm.
Signal
Input (ns)
Output (ns)
Output Current (mA)
Clock
Notes
Setup Time
(TIS min)
Hold Time
(TIH min)
Valid Delay
(TOV max)
Hold Time
(TOH min)
I/O H
(minimum)
I/O L
(minimum)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com